Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1206S040H Datasheet (PDF) - Renesas Technology Corp

ADC1206S040H Datasheet PDF - Renesas Technology Corp
Part # ADC1206S040H
Download  ADC1206S040H Download
File Size   1347.19 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz

ADC1206S040H Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1206S040H Datasheet PDF - Renesas Technology Corp

Part # ADC1206S040H
Download  ADC1206S040H Click to download

File Size   1347.19 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz

ADC1206S040H Datasheet (HTML) - Renesas Technology Corp


ADC1206S040H Product details

12-bit resolution
Sampling rate up to 70 MHz
3 dB bandwidth of 245 MHz
5 V power supplies and 3.3 V output power supply
Binary or twos complement CMOS outputs
In-range CMOS compatible output
TTL and CMOS compatible static digital inputs
TTL and CMOS compatible digital outputs
Differential AC or Positive Emitter-Coupled Logic (PECL) clock input; TTL compatible
Power dissipation 550 mW (typical)
Low analog input capacitance (typical 2 pF), no buffer amplifier required
Integrated sample and hold amplifier
Differential analog input
External amplitude range control
Voltage controlled regulator included
40 C to +85 C ambient temperature




Similar Part No. - ADC1206S040H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1206S040H NXP-ADC1206S040H Datasheet
521Kb / 32P
Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
More results


Similar Description - ADC1206S040H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com