Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH302 Datasheet (PDF) - WJ Communication. Inc.

MH302 Datasheet PDF - WJ Communication. Inc.
Part # MH302
Download  MH302 Download
File Size   103.63 Kbytes
Page   3 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description PCS/UMTS-band Quad-FET Mixer

MH302 Datasheet (PDF)

Go To PDF Page Download Datasheet
MH302 Datasheet PDF - WJ Communication. Inc.

Part # MH302
Download  MH302 Click to download

File Size   103.63 Kbytes
Page   3 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description PCS/UMTS-band Quad-FET Mixer

MH302 Datasheet (HTML) - WJ Communication. Inc.


MH302 Product details

Product Description
The MH302 is a passive Quad-MOSFET mixer that provides high dynamic range performance in a low cost 3x3 mm 6-pin DFN (Dual Flat No-Lead) lead-free/green/RoHS-compliant package.

Product Features
• +27 dBm Input IP3
• RF 1800 – 2000 MHz
• IF 200 – 300 MHz
• Low-side LO configuration
• +13 dBm LO Drive Level
• High L-I & L-R Isolation (>30 dB)
• Lead-free/green/RoHS-compliant 6-pin 3x3 mm DFN package
• No External Bias Required

Applications
• 2.5G/3G GSM/CDMA/WCDMA




Similar Part No. - MH302

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
MH30 FLEXTRAL-MH30 Datasheet
337Kb / 1P
MH30 Premium Soft Wall Dry Material Hose
V04.21
MH30-400A FLEXTRAL-MH30-400A Datasheet
337Kb / 1P
MH30 Premium Soft Wall Dry Material Hose
V04.21
MH30-400B FLEXTRAL-MH30-400B Datasheet
337Kb / 1P
MH30 Premium Soft Wall Dry Material Hose
V04.21
MH30-400C FLEXTRAL-MH30-400C Datasheet
337Kb / 1P
MH30 Premium Soft Wall Dry Material Hose
V04.21
MH30-400E FLEXTRAL-MH30-400E Datasheet
337Kb / 1P
MH30 Premium Soft Wall Dry Material Hose
V04.21
More results


Similar Description - MH302

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH303 WJCI-MH303 Datasheet
144Kb / 4P
Cellular-band Quad-FET Mixer
VG112 WJCI-VG112 Datasheet
277Kb / 4P
PCS/UMTS-band Variable Gain Amplifier
VG111 WJCI-VG111 Datasheet
601Kb / 7P
PCS/UMTS-band Variable Gain Amplifier
MH303-RFID WJCI-MH303-RFID Datasheet
105Kb / 4P
Cellular-Band Quad-FET Mixer
MH303 WJCI-MH303_06 Datasheet
103Kb / 3P
Cellular-band Quad-FET Mixer
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112_06 Datasheet
341Kb / 5P
PCS/UMTS-band Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7403 AVAGO-ACMD-7403 Datasheet
1Mb / 11P
Miniature UMTS Band II / PCS Duplexer
ACMD-7403 AVAGO-ACMD-7403_15 Datasheet
1Mb / 11P
Miniature UMTS Band II / PCS Duplexer
logo
Broadcom Corporation.
DEMO-ACMD-7403 BOARDCOM-DEMO-ACMD-7403 Datasheet
1Mb / 11P
Miniature UMTS Band II / PCS Duplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com