Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7762 Datasheet (PDF) - Analog Devices

AD7762 Datasheet PDF - Analog Devices
Part # AD7762
Download  AD7762 Download
File Size   591.67 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer

AD7762 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7762 Datasheet PDF - Analog Devices

Part # AD7762
Download  AD7762 Click to download

File Size   591.67 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer

AD7762 Datasheet (HTML) - Analog Devices


AD7762 Product details

GENERAL DESCRIPTION

The AD7762 is a high performance, 24-bit Σ-Δ analog-to digital converter (ADC). It combines wide input bandwidth and high speed with the benefits of Σ-Δ conversion with a performance of 106 dB SNR at 625 kSPS, making it ideal for high speed data acquisition. Wide dynamic range combined with significantly reduced antialiasing requirements simplify the design process. An integrated buffer to drive the reference, a differential amplifier for signal buffering and level shifting, an overrange flag, internal gain and offset registers, and a low-pass digital FIR filter make the AD7762 a compact, highly integrated data acquisition device requiring minimal peripheral component selection. In addition, the device offers programmable decimation rates, and the digital FIR filter can be adjusted if the default characteristics are not appropriate to the application. The AD7762 is ideal for applications demanding high SNR without a complex front end signal processing design.



 



FEATURES

  120 dB dynamic range at 78 kHz output data rate

  109 dB dynamic range at 625 kHz output data rate

  112 dB SNR at 78 kHz output data rate

  106 dB SNR at 625 kHz output data rate

  625 kHz maximum fully filtered output word rate

  Programmable over-sampling rate (32× to 256×)

  Fully differential modulator input

  On-chip differential amplifier for signal buffering

  Low-pass finite impulse response (FIR) filter with default or user-programmable coefficients

  Overrange alert bit

  Digital offset and gain correction registers

  Filter bypass modes

  Low power and power-down modes

  Synchronization of multiple devices via SYNC pin



APPLICATIONS

  Data acquisition systems

  Vibration analysis

  Instrumentation



 




Similar Part No. - AD7762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7762 AD-AD7762 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
AD7762 AD-AD7762 Datasheet
619Kb / 29P
Sigma-Delta ADC With On-Chip Buffer
23-Feb-2017
AD7762 AD-AD7762 Datasheet
2Mb / 23P
AD7760/AD7762 Evaluation Board using EVAL-CED1Z
Rev. PrB
AD7762/ AD-AD7762/ Datasheet
4Mb / 23P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
AD7762BSVZ AD-AD7762BSVZ Datasheet
619Kb / 29P
Sigma-Delta ADC With On-Chip Buffer
23-Feb-2017
More results


Similar Description - AD7762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7763 AD-AD7763 Datasheet
688Kb / 32P
24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
6/07-Revision 0
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
6/07-Revision 0
AD7760 AD-AD7760_15 Datasheet
958Kb / 37P
2.5 MSPS, 24-Bit, 100 dB Sigma-Delta ADC with On-Chip Buffer
REV. A
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
29-Mar-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com