Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7356 Datasheet (PDF) - Analog Devices

AD7356 Datasheet PDF - Analog Devices
Part # AD7356
Download  AD7356 Download
File Size   191.7 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC

AD7356 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7356 Datasheet PDF - Analog Devices

Part # AD7356
Download  AD7356 Click to download

File Size   191.7 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC

AD7356 Datasheet (HTML) - Analog Devices


AD7356 Product details

GENERAL DESCRIPTION

The AD73571 is a dual, 14-bit, high speed, low power, successive approximation analog-to-digital converter (ADC) that operates from a single 2.5 V power supply and features throughput rates up

to 4.2 MSPS. The part contains two ADCs, each preceded by a low noise, wide bandwidth track-and-hold circuit that can handle input frequencies in excess of 110 MHz.



FEATURES

Dual 14-bit SAR ADC

Simultaneous sampling

Throughput rate: 4.2 MSPS per channel

Specified for VDDof 2.5 V

Power dissipation: 35 mW at 4.2 MSPS

On-chip reference: 2.048 V ± 0.25%, 6 ppm/°C

Dual conversion with read

High speed serial interface SPI-/QSPI-/MICROWIRE-/DSP-compatible

−40°C to +125°C operation

Shutdown mode: 10 µA maximum

16-lead TSSOP package




Similar Part No. - AD7356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356 Datasheet
606Kb / 21P
Differential Input, Dual, Simultaneous Sampling
23-Feb-2017
AD7356BRUZ AD-AD7356BRUZ Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356BRUZ AD-AD7356BRUZ Datasheet
606Kb / 21P
Differential Input, Dual, Simultaneous Sampling
23-Feb-2017
AD7356BRUZ-500RL7 AD-AD7356BRUZ-500RL7 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Similar Description - AD7356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265 AD-AD7265 Datasheet
706Kb / 16P
Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Analog Devices
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com