Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUT901 Datasheet (PDF) - TELTONIKA NETWORKS.

RUT901 Datasheet PDF - TELTONIKA NETWORKS.
Part # RUT901
Download  RUT901 Download
File Size   1132.5 Kbytes
Page   13 Pages
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Description RUT901

RUT901 Datasheet (PDF)

Go To PDF Page Download Datasheet
RUT901 Datasheet PDF - TELTONIKA NETWORKS.

Part # RUT901
Download  RUT901 Click to download

File Size   1132.5 Kbytes
Page   13 Pages
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Description RUT901

RUT901 Datasheet (HTML) - TELTONIKA NETWORKS.


RUT901 Product details

FEATURES
4G (LTE) – Cat 4 up to 150 Mbps, 3G – Up to 21 Mbps, 2G – Up to 236.8 kbps
Signal strength (RSSI), SINR, RSRP, RSRQ, EC/IO, RSCP, Bytes sent/received, connected band, IMSI, ICCID
SMS status, SMS configuration, send/read SMS via HTTP POST/GET, EMAIL to SMS, SMS to EMAIL, SMS to HTTP, SMS to SMS,
scheduled SMS, SMS autoreply, SMPP
Operator black/white list
Band lock, Used band status display
Auto APN
Direct connection (bridge) between mobile ISP and device on LAN
Passthrough Router assigns its mobile WAN IP address to another device on LAN
APN
Bridge
SSID stealth mode and access control based on MAC address
Wi-Fi users Up to 100 simultaneous connections
SSID
Black/White list
Band management
Static routing, Dynamic routing (BGP, OSPF v2, RIP v1/v2, NHRP)
H.323 and SIP-alg protocol NAT helpers, allowing proper routing of VoIP packets
TCP, UDP, IPv4, IPv6, ICMP, NTP, DNS, HTTP, HTTPS, FTP, SMTP, SSL v3, TLS, ARP, VRRP, PPP, PPPoE, UPNP, SSH, DHCP, Telnet,
SMPP, SMNP, MQTT, Wake On Lan (WOL)
Ping Reboot, Wget Reboot, Periodic Reboot, LCP and ICMP for link inspection
Firewall Port forward, traffic rules, custom rules
VoIP passthrough support
Connection monitoring
Routing
Network protocols
Static and dynamic IP allocation, DHCP Relay, Relayd
Traffic priority queuing by source/destination, service, protocol or port, WMM, 802.11e
Supported >25 service providers, others can be configured manually
VRRP, Mobile, Wired and WiFi WAN options, each of which can be used as backup, using automatic Failover
Load balancing Balance your internet traffic over multiple WAN connections
DDNS
Network backup
SSHFS Possibility to mount remote file system via SSH protocol (not available in standard FW)
DHCP
QoS / Smart Queue
Management (SQM)
SIM switch 2 SIM cards, auto-switch cases: weak signal, data limit, SMS limit, roaming, no network, network denied, data connection fail,
SIM idle protection
Status
WPA-PSK/WPA2-PSK Mixed Mode, WPA2-PSK, WPA2-EAP, WPA2-EAP/WPA3-EAP Mixed Mode, WPA3-EAP, WPA2-PSK/WPA3-SAE
Mixed Mode, WPA3-SAE, OWE; AES-CCMP, TKIP, Auto Cipher modes, client separation
Wireless mode IEEE 802.11b/g/n, Access Point (AP), Station (STA)
Wi-Fi security
3 x LAN ports, 10/100 Mbps, compliance IEEE 802.3, IEEE 802.3u standards, supports auto MDI/MDIX
WAN 1 x WAN port (can be configured to LAN) 10/100 Mbps, compliance IEEE 802.3, IEEE 802.3u standards, supports auto MDI/MDIX
LAN
SMS
MOBILE
Mobile module
WIRELESS
ETHERNET
NETWORK
Wireless Hotspot Captive portal (Hotspot), internal/external Radius server, built in customizable landing page
Pre-shared key, digital certificates, X.509 certificates
Pre-configured firewall rules can be enabled via web-ui, unlimited firewall configuration via CLI; DMZ; NAT; NAT-T
DDOS prevention (SYN flood protection, SSH attack prevention, HTTP/HTTPS attack prevention), port scan prevention (
SYN-FIN, SYN-RST, X-mas, NULL flags, FIN scan attacks)
Attack prevention
Authentication
Firewall
Port and tag based VLAN separation
Set up custom data limits for both SIM cards
VLAN
Mobile quota control
Blacklist for blocking out unwanted websites, whitelist for specifying allowed sites only
Flexible access control of TCP, UDP, ICMP packets, MAC address filter
WEB filter
Access control
SECURITY




Similar Part No. - RUT901

ManufacturerPart #DatasheetDescription
logo
QuWireless
RUT901 QUWIRELESS-RUT901 Datasheet
3Mb / 9P
Integrated outdoor multi band high power LTE directional antenna outdoor Wi-Fi omni antenna place toinstall Teltonika RUT951, RUT950 or 900 (All-in-one)
2.07
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com