Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUTX09000000 Datasheet (PDF) - TELTONIKA NETWORKS.

RUTX09000000 Datasheet PDF - TELTONIKA NETWORKS.
Part # RUTX09000000
Download  RUTX09000000 Download
File Size   1236.64 Kbytes
Page   14 Pages
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Description RUTX09

RUTX09000000 Datasheet (PDF)

Go To PDF Page Download Datasheet
RUTX09000000 Datasheet PDF - TELTONIKA NETWORKS.

Part # RUTX09000000
Download  RUTX09000000 Click to download

File Size   1236.64 Kbytes
Page   14 Pages
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Description RUTX09

RUTX09000000 Datasheet (HTML) - TELTONIKA NETWORKS.


RUTX09000000 Product details

FEATURES
4G (LTE) – Cat 6 up to 300 Mbps, 3G – Up to 42 Mbps
Signal strength, SINR, RSRP, RSRQ, Bytes sent/received, connected band, carrier aggregation, IMSI, ICCID
SMS status, SMS configuration, send/read SMS via HTTP POST/GET, Email to SMS, SMS to Email, SMS to HTTP, SMS to SMS, SMS
auto reply
2 SIM cards, auto-switch cases: weak signal, data limit, SMS limit, roaming, no network, network denied, data connection fail
Supports sending and reading Unstructured Supplementary Service Data messages
Operator black/white list
Possibility to use different PDNs for multiple network access and services
Band lock, Used band status display
APN Auto APN
Multiple PDN
Band management
USSD
Black/White list
Static routing, Dynamic routing (BGP, OSPF v2, RIP v1/v2, EIGRP, NHRP)
TCP, UDP, IPv4, IPv6, ICMP, NTP, DNS, HTTP, HTTPS, FTP, SMTP, SSL v3, TLS, ARP, VRRP, PPP, PPPoE, UPNP, SSH, DHCP, Telnet
client, SNMP, MQTT, Wake on LAN (WOL)
H.323 and SIP-alg protocol NAT helpers, allowing proper routing of VoIP packets
Ping Reboot, Wget reboot, Periodic Reboot, LCP and ICMP for link inspection
Firewall Port forwards, traffic rules, custom rules
VoIP passthrough support
Connection monitoring
Routing
Network protocols
Static and dynamic IP allocation, DHCP Relay, Relayd
Traffic priority queuing by source/destination, service, protocol or port
Supported >25 service providers, others can be configured manually
VRRP, Mobile and Wired WAN options, each of which can be used as an automatic Failover
Load balancing Balance Internet traffic over multiple WAN connections
DDNS
Network backup
Internal/external Radius server, captive portal, built in customizable landing page
Possibility to mount remote file system via SSH protocol
Hospot
SSHFS
DHCP
QoS / Smart Queue
Management (SQM)
SIM switch
Status
3 x LAN ports, 10/100/1000 Mbps, compliance with IEEE 802.3, IEEE 802.3u, 802.3az standards, supports auto MDI/MDIX
crossover
1 x WAN port (can be configured as LAN) 10/100/1000 Mbps, compliance with IEEE 802.3, IEEE 802.3u, 802.3az standards,
WAN supports auto MDI/MDIX crossover
LAN
SMS
MOBILE
Mobile module
ETHERNET
NETWORK
Bridge mode Direct connection (bridge) between mobile ISP and device on LAN
Pre-shared key, digital certificates, X.509 certificates
Pre-configured firewall rules can be enabled via WebUI, unlimited firewall configuration via CLI; DMZ; NAT; NAT-T
DDOS prevention (SYN flood protection, SSH attack prevention, HTTP/HTTPS attack prevention), port scan prevention (SYN-FIN,
SYN-RST, X-mas, NULL flags, FIN scan attacks)
Attack prevention
Authentication
Firewall
Port and tag based VLAN separation
Custom data limits for both SIM cards
VLAN
Mobile quota control
Blacklist for blocking out unwanted websites, Whitelist for specifying allowed sites only
Flexible access control of TCP, UDP, ICMP packets, MAC address filter
WEB filter
Access control
SECURITY




Similar Part No. - RUTX09000000

ManufacturerPart #DatasheetDescription
logo
TELTONIKA NETWORKS.
RUTX08 TELTONIKA-RUTX08 Datasheet
994Kb / 13P
RUTX08
RUTX08000000 TELTONIKA-RUTX08000000 Datasheet
994Kb / 13P
RUTX08
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com