Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUTX12000000 Datasheet (PDF) - TELTONIKA NETWORKS.

RUTX12000000 Datasheet PDF - TELTONIKA NETWORKS.
Part # RUTX12000000
Download  RUTX12000000 Download
File Size   1221.47 Kbytes
Page   13 Pages
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Description RUTX12

RUTX12000000 Datasheet (PDF)

Go To PDF Page Download Datasheet
RUTX12000000 Datasheet PDF - TELTONIKA NETWORKS.

Part # RUTX12000000
Download  RUTX12000000 Click to download

File Size   1221.47 Kbytes
Page   13 Pages
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Description RUTX12

RUTX12000000 Datasheet (HTML) - TELTONIKA NETWORKS.


RUTX12000000 Product details

FEATURES
MOBILE
Mobile module 2 x 4G (LTE) – Cat 6 up to 300 Mbps, 3G – up to 42 Mbps
WIRELESS
BLUETOOTH
Status Signal strength (RSSI), SINR, RSRP, RSRQ, EC/IO, RSCP, Bytes sent/received, connected band, IMSI, ICCID, Carrier aggregation
NETWORK
Routing Static routing, Dynamic routing (BGP, OSPF v2, RIP v1/v2, NHRP)
TCP, UDP, IPv4, IPv6, ICMP, NTP, DNS, HTTP, HTTPS, FTP, SMTP, SSL v3, TLS, ARP, VRRP, PPP, PPPoE, UPNP, SSH, DHCP, Telnet,
Network protocols SMPP, SMNP, MQTT, Wake On Lan (WOL)
SMS status, SMS configuration, send/read SMS via HTTP POST/GET, EMAIL to SMS, SMS to EMAIL, SMS to HTTP, SMS to SMS,
SMS scheduled SMS, SMS autoreply, SMPP
USSD Supports sending and reading Unstructured Supplementary Service Data messages
Black/White list Operator black/white list
Multiple PDN Possibility to use different PDNs for multiple network access and services
Band management Band lock, Used band status display
APN Auto APN
Bridge Direct connection (bridge) between mobile ISP and device on LAN
Passthrough Router assigns its mobile WAN IP address to another device on LAN
802.11b/g/n/ac Wave 2 (WiFi 5) with data transmission rates up to 867 Mbps (Dual Band, MU-MIMO), 802.11r fast transition,
Wireless mode Access Point (AP), Station (STA)
ETHERNET
1 x WAN port 10/100/1000 Mbps, compliance with IEEE 802.3, IEEE 802.3u, 802.3az standards, supports auto MDI/MDIX
WAN crossover
WiFi security WPA2-Enterprise - PEAP, WPA2-PSK, WEP, WPA-EAP, WPA-PSK; AES-CCMP, TKIP, Auto Cipher modes, client separation
SSID/ESSID ESSID stealth mode
WiFi users up to 150 simultaneous connections
Wireless Hotspot Captive portal (Hotspot), internal/external Radius server, built in customizable landing page
Bluetooth 4.0 Bluetooth low energy (LE) for short range communication
VoIP passthrough support H.323 and SIP-alg protocol NAT helpers, allowing proper routing of VoIP packets
Connection monitoring Ping Reboot, Wget Reboot, Periodic Reboot, LCP and ICMP for link inspection
Firewall Port forward, traffic rules, custom rules
DHCP Static and dynamic IP allocation, DHCP Relay, Relayd
QoS / Smart Queue Traffic priority queuing by source/destination, service, protocol or port, WMM, 802.11e
Management (SQM)
DDNS Supported >25 service providers, others can be configured manually
Network backup WiFi WAN, Mobile, VRRP, Wired options, each of which can be used as an automatic Failover
Load balancing Balance Internet traffic over multiple WAN connections
Hotspot Internal/external Radius server, captive portal, built in customizable landing page
SSHFS Possibility to mount remote file system via SSH protocol
4 x LAN ports, 10/100/1000 Mbps, compliance with IEEE 802.3, IEEE 802.3u, 802.3az standards, supports auto MDI/MDIX
LAN crossover




Similar Part No. - RUTX12000000

ManufacturerPart #DatasheetDescription
logo
TELTONIKA NETWORKS.
RUTX10 TELTONIKA-RUTX10 Datasheet
1,018Kb / 13P
RUTX10 (ROUTER W/ BT & WIFI & US
RUTX10000000 TELTONIKA-RUTX10000000 Datasheet
1,018Kb / 13P
RUTX10 (ROUTER W/ BT & WIFI & US
RUTX10000200 TELTONIKA-RUTX10000200 Datasheet
1,018Kb / 13P
RUTX10 (ROUTER W/ BT & WIFI & US
RUTX11 TELTONIKA-RUTX11 Datasheet
4Mb / 13P
RUTX11 (INDUSTRIAL CELLULAR ROUT
RUTX11000000 TELTONIKA-RUTX11000000 Datasheet
4Mb / 13P
RUTX11 (INDUSTRIAL CELLULAR ROUT
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com