Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTCS16K0 Datasheet (PDF) - C&B ELECTRONICS (SHENZHEN) CO., LTD

RTCS16K0 Datasheet PDF - C&B ELECTRONICS (SHENZHEN) CO., LTD
Part # RTCS16K0
Download  RTCS16K0 Download
File Size   688.4 Kbytes
Page   3 Pages
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD
Description Precision DC Ammeter Shunt

RTCS16K0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTCS16K0 Datasheet PDF - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # RTCS16K0
Download  RTCS16K0 Click to download

File Size   688.4 Kbytes
Page   3 Pages
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD
Description Precision DC Ammeter Shunt

RTCS16K0 Datasheet (HTML) - C&B ELECTRONICS (SHENZHEN) CO., LTD


RTCS16K0 Product details

Precision Shunt, Rated Current 16000A, Standard Tolerance 0.1%
Low Thermal EMF, TCR ±20ppm/℃




Similar Part No. - RTCS16K0

ManufacturerPart #DatasheetDescription
logo
C&B ELECTRONICS (SHENZH...
RTCS1000 RESI-RTCS1000 Datasheet
862Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS1000B050Z00 RESI-RTCS1000B050Z00 Datasheet
862Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS10K0 RESI-RTCS10K0 Datasheet
643Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS10K0B050Z00 RESI-RTCS10K0B050Z00 Datasheet
643Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS10K0B075Z00 RESI-RTCS10K0B075Z00 Datasheet
643Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
More results


Similar Description - RTCS16K0

ManufacturerPart #DatasheetDescription
logo
C&B ELECTRONICS (SHENZH...
RTBS0050 RESI-RTBS0050 Datasheet
864Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTBS0100 RESI-RTBS0100 Datasheet
883Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0050 RESI-RTCS0050 Datasheet
939Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0200 RESI-RTCS0200 Datasheet
942Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0300 RESI-RTCS0300 Datasheet
945Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0500 RESI-RTCS0500 Datasheet
936Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS1000 RESI-RTCS1000 Datasheet
862Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS10K0 RESI-RTCS10K0 Datasheet
643Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS2000 RESI-RTCS2000 Datasheet
902Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS20K0 RESI-RTCS20K0 Datasheet
640Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com