Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G17 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC2G17 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SN74LVC2G17
Download  SN74LVC2G17 Download
File Size   1071.61 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description SN74LVC2G17

SN74LVC2G17 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G17 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC2G17
Download  SN74LVC2G17 Click to download

File Size   1071.61 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description SN74LVC2G17

SN74LVC2G17 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SN74LVC2G17 Product details

General Description
The SN74LVC2G17 is a high performan
ce dual buffer operating from a 1.65 to
5.5V supply. At VCC = 3.0V,high impedan
ce TTL compatible inputs significantly
reduce current loading to input drivers
while the TTL compatible outputs offer
improved switching noise performance.

Features
● Extremely High Speed: tPD 2.0ns (typical) at VCC = 5.0V
● Designed for 1.65V to 5.5V VCC Operation
● Overvoltage Tolerant Inputs
● LVTTL Compatible − Interface Capability with 5.0V
TTL Logic with VCC = 3.0V (2.7−3.3)
● LVCMOS Compatible
● 24mA Balanced Output Sink and Source Capability at
VCC = 3.0V
● Near Zero Static Supply Current Substantially Reduces
System Power Requirements
● Chip Complexity: FET = 72; Equivalent Gate = 18
● These Devices are Pb−Free and are RoHS Compliant
● NLV Prefix for Automotive and Other
Applications Requiring Unique Site and Control
Change Requirements; AEC−Q100 Qualified and
PPAP Capable




Similar Part No. - SN74LVC2G17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
326Kb / 13P
DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
600Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI1-SN74LVC2G17 Datasheet
1Mb / 29P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
SN74LVC2G17 TI2-SN74LVC2G17 Datasheet
389Kb / 13P
DUAL SCHMITT-TRIGGER BUFFER
REVISED APRIL 2008
More results


Similar Description - SN74LVC2G17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17 TI1-SN74LVC2G17_16 Datasheet
1Mb / 29P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com