Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1M-4.53.3S/SMD Datasheet (PDF) - Recom International Power

R1M-4.53.3S/SMD Datasheet PDF - Recom International Power
Part # R1M-4.53.3S/SMD
Download  R1M-4.53.3S/SMD Download
File Size   869.06 Kbytes
Page   6 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 1 Watt SMD Single & Dual Output

R1M-4.53.3S/SMD Datasheet (PDF)

Go To PDF Page Download Datasheet
R1M-4.53.3S/SMD Datasheet PDF - Recom International Power

Part # R1M-4.53.3S/SMD
Download  R1M-4.53.3S/SMD Click to download

File Size   869.06 Kbytes
Page   6 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 1 Watt SMD Single & Dual Output

R1M-4.53.3S/SMD Datasheet (HTML) - Recom International Power


R1M-4.53.3S/SMD Product details

Features
• 1W power in SMD package
• 4:1 Input voltage range
• Efficiency up to 81%
• 1.6kVDC/1min isolation
• Regulated output
• -40°C to +90°C at full load
• Continuous short circuit protected

Description
The R1M is an isolated 1W DC/DC converter in a compact SMD package available with 4:1
inputs covering 5, 12, 24, and 48V rails providing single or dual regulated, short-circuit
protected outputs. There is no minimum load requirement. Isolation is 1.6kVDC/1min, and the
operating temperature is from -40°C up to +90°C without derating. Class A and Class
B EMC conformity requires only a few external components. Standard packaging is tube.




Similar Part No. - R1M-4.53.3S/SMD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R1M-A1 MSYSTEM-R1M-A1 Datasheet
337Kb / 10P
Remote I/O R1M Series
R1M-A1C1-M2 MSYSTEM-R1M-A1C1-M2 Datasheet
237Kb / 6P
PC Recorders R1M Series PC RECORDER
R1M-A1C1-M2 MSYSTEM-R1M-A1C1-M2 Datasheet
337Kb / 10P
Remote I/O R1M Series
R1M-A1C1-M2/MSR MSYSTEM-R1M-A1C1-M2/MSR Datasheet
237Kb / 6P
PC Recorders R1M Series PC RECORDER
R1M-A1C1-M2/Q MSYSTEM-R1M-A1C1-M2/Q Datasheet
237Kb / 6P
PC Recorders R1M Series PC RECORDER
More results


Similar Description - R1M-4.53.3S/SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
1 Watt SMD Single & Dual Output
RSS-1.81.8 RECOM-RSS-1.81.8_06 Datasheet
126Kb / 4P
1 Watt SMD Single & Dual Output
RSS RECOM-RSS_10 Datasheet
249Kb / 6P
1 Watt SMD Single & Dual Output
R1S RECOM-R1S Datasheet
119Kb / 4P
1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-2405HP ETC2-R1S-2405HP Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
logo
Recom International Pow...
R1S-0515 RECOM-R1S-0515 Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
R1D-1212 RECOM-R1D-1212 Datasheet
157Kb / 5P
1 Watt SMD Single Dual Output
R1S-2424 RECOM-R1S-2424 Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
R1DX RECOM-R1DX Datasheet
1Mb / 8P
1 Watt SMD Single & Dual Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com