Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5M-1815D/SMD Datasheet (PDF) - Recom International Power

R5M-1815D/SMD Datasheet PDF - Recom International Power
Part # R5M-1815D/SMD
Download  R5M-1815D/SMD Download
File Size   779.77 Kbytes
Page   5 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 5 Watt SMD Single & Dual Output

R5M-1815D/SMD Datasheet (PDF)

Go To PDF Page Download Datasheet
R5M-1815D/SMD Datasheet PDF - Recom International Power

Part # R5M-1815D/SMD
Download  R5M-1815D/SMD Click to download

File Size   779.77 Kbytes
Page   5 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 5 Watt SMD Single & Dual Output

R5M-1815D/SMD Datasheet (HTML) - Recom International Power


R5M-1815D/SMD Product details

Features
• 5W power in SMD package
• 4:1 Input voltage range
• Efficiency up to 86%
• 1.6kVDC/1min isolation
• Regulated output
• -40°C to +50°C at full load
• Continuous short circuit protected

Description
The R5M is an isolated 5W DC/DC converter in a compact SMD package available with 4:1
inputs covering 12, 24 and 48V rails providing single or dual regulated, short-circuit protected
outputs. There is no minimum load requirement. Isolation is 1.6kVDC/1min, and the operating
temperature is from -40°C up to +50°C without derating. Class A and Class B EMC
conformity requires only a few external components. Standard packaging is tube.




Similar Part No. - R5M-1815D/SMD

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
R5M3Z2C1P-X OPTOSUPPLY-R5M3Z2C1P-X Datasheet
79Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Strip Long life, Easy Installation
logo
Renesas Technology Corp
R5M7083 RENESAS-R5M7083 Datasheet
8Mb / 1644P
32-Bit RISC Microcomputer SuperH??RISC engine Family
R5M7083 RENESAS-R5M7083 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
R5M7083 RENESAS-R5M7083 Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
R5M7084 RENESAS-R5M7084 Datasheet
8Mb / 1644P
32-Bit RISC Microcomputer SuperH??RISC engine Family
More results


Similar Description - R5M-1815D/SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
5 Watt DIP24 & SMD, Single & Dual Output
RP05-2433SAW RECOM-RP05-2433SAW Datasheet
104Kb / 4P
5 Watt DIP24 & SMD, Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
5 Watt DIP24 / SMD Single & Dual Output
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
5 Watt DIP24 / SMD Single & Dual Output
RP05-123.3SF RECOM-RP05-123.3SF Datasheet
99Kb / 4P
5 Watt DIP24 & SMD, Single & Dual Output
RAC05-3.3SA RECOM-RAC05-3.3SA Datasheet
87Kb / 2P
5 Watt Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-053.3SRWH4 RECOM-REC5-053.3SRWH4 Datasheet
88Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com