Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3M-759D/SMD Datasheet (PDF) - Recom International Power

R3M-759D/SMD Datasheet PDF - Recom International Power
Part # R3M-759D/SMD
Download  R3M-759D/SMD Download
File Size   869.93 Kbytes
Page   6 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 3 Watt SMD Single & Dual Output

R3M-759D/SMD Datasheet (PDF)

Go To PDF Page Download Datasheet
R3M-759D/SMD Datasheet PDF - Recom International Power

Part # R3M-759D/SMD
Download  R3M-759D/SMD Click to download

File Size   869.93 Kbytes
Page   6 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 3 Watt SMD Single & Dual Output

R3M-759D/SMD Datasheet (HTML) - Recom International Power


R3M-759D/SMD Product details

Features
• 3W power in SMD package
• 4:1 Input voltage range
• Efficiency up to 84%
• 1.6kVDC/1min isolation
• Regulated output
• -40°C to +71°C at full load
• Continuous short circuit protected

Description
The R3M is an isolated 3W DC/DC converter in a compact SMD package available with 4:1
inputs covering 5, 12, 24, and 48V rails providing single or dual regulated, short-circuit
protected outputs. There is no minimum load requirement. Isolation is 1.6kVDC/1min, and the operating
temperature is from -40°C up to +71°C without derating. Class A and Class B EMC
conformity requires only a few external components. Standard packaging is tube.





Similar Description - R3M-759D/SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
3 Watt DIP24 & SMD, Single & Dual Output
RP03-1205SC RECOM-RP03-1205SC Datasheet
101Kb / 4P
3 Watt DIP24 & SMD, Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
3 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
3 Watt DIP24 / SMD Single & Dual Output
REC3-123.3SRWH4 RECOM-REC3-123.3SRWH4 Datasheet
107Kb / 3P
3 Watt DIP24 / SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
3 Watt DIP24 & SMD Single & Dual Output
REC3-053.3SRW RECOM-REC3-053.3SRW_07 Datasheet
97Kb / 3P
3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
3 Watt DIP24 & SMD Single & Dual Output
REC3-S-DR RECOM-REC3-S-DR Datasheet
93Kb / 2P
3 Watt DIP24 & SMD Single & Dual Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com