Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P585-010 Datasheet (PDF) - Tripp Lite. All Rights Reserved

P585-010 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # P585-010
Download  P585-010 Download
File Size   55.91 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Mini DisplayPort Extension Cable, 4K @ 60 Hz, HDCP 2.2 (M/F), 10 ft. (3.05 m)

P585-010 Datasheet (PDF)

Go To PDF Page Download Datasheet
P585-010 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # P585-010
Download  P585-010 Click to download

File Size   55.91 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Mini DisplayPort Extension Cable, 4K @ 60 Hz, HDCP 2.2 (M/F), 10 ft. (3.05 m)

P585-010 Datasheet (HTML) - Tripp Lite. All Rights Reserved


P585-010 Product details

Description
The P585-010 Mini DisplayPort Extension Cable (M/F) attaches to your current mDP cable to extend it by
10-ft. (3.05 m). It supports Ultra High Definition video resolutions up to 3840 x 2160 (4K x 2K) at 60 Hz,
allowing you to stream digital video and audio to an mDP display from an mDP computer, such as a
MacBook® or Surface® Book, or tablet, including Microsoft's Surface Pro 4. The P585-010 connects to
any computer, laptop, mobile device or display that features an mDP, Thunderbolt or Thunderbolt 2 port.
Premium foil and braid shielding delivers reliable, error-free signal quality and protection from EMI/RFI
interference. Molded nickel-plated connectors with gold-plated contacts ensure excellent conductivity.
Integral strain relief ensures the cable and connectors last a long time. A flexible PVC jacket protects
twisted 32 AWG data lines and 32 AWG power lines.
Features
Extends an Existing Mini DisplayPort Cable an Extra 10-ft. (3.05 m)
l Female connector attaches to current mDP cable to add length
l Supports UHD video resolutions up to 3840 x 2160 (4K x 2K) @ 60 Hz
l Supports DisplayPort v1.2a and HDCP 2.2
l Recommended for devices with mDP, Thunderbolt or Thunderbolt 2 ports
First-Rate Construction for Superior Signal Transfer
l Premium foil and braid shielding for EMI/RFI noise protection
l Molded nickel-plated connectors and gold-plated contacts for optimal signal quality
l Integral strain relief for long life
l Twisted 32/32 AWG data/power lines
l Flexible PVC jacket and small footprint for easy installation in tight spaces




Similar Part No. - P585-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P585-010 TRIPPLITE-P585-010 Datasheet
177Kb / 2P
Mini DisplayPort Extension Cable, 4K x 2K (3840 x 2160) @ 60 Hz, HDCP 2.2 (M/F), 10 ft.
More results


Similar Description - P585-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P579-010 TRIPPLITE-P579-010 Datasheet
175Kb / 3P
DisplayPort Extension Cable with Latch, 4K x 2K (3840 x 2160) @ 60 Hz, HDCP 2.2 (M/F), 10 ft.
P585-003 TRIPPLITE-P585-003 Datasheet
176Kb / 2P
Mini DisplayPort Extension Cable, 4K x 2K (3840 x 2160) @ 60 Hz, HDCP 2.2 (M/F), 3 ft.
P585-006 TRIPPLITE-P585-006 Datasheet
176Kb / 2P
Mini DisplayPort Extension Cable, 4K x 2K (3840 x 2160) @ 60 Hz, HDCP 2.2 (M/F), 6 ft.
P585-010 TRIPPLITE-P585-010 Datasheet
177Kb / 2P
Mini DisplayPort Extension Cable, 4K x 2K (3840 x 2160) @ 60 Hz, HDCP 2.2 (M/F), 10 ft.
P579-003 TRIPPLITE-P579-003_V01 Datasheet
61Kb / 3P
DisplayPort Extension Cable with Latch, 4K @ 60 Hz, HDCP 2.2 (M/F), 3 ft. (0.91 m)
P579-006 TRIPPLITE-P579-006_V01 Datasheet
60Kb / 2P
DisplayPort Extension Cable with Latch, 4K @ 60 Hz, HDCP 2.2 (M/F), 6 ft. (1.83 m)
P579-010 TRIPPLITE-P579-010_V01 Datasheet
62Kb / 3P
DisplayPort Extension Cable with Latch, 4K @ 60 Hz, HDCP 2.2 (M/F),10 ft. (3.05 m)
P579-015 TRIPPLITE-P579-015_V01 Datasheet
62Kb / 3P
DisplayPort Extension Cable with Latch, 4K @ 60 Hz, HDCP 2.2 (M/F), 15 ft. (4.57 m)
P585-003 TRIPPLITE-P585-003_V01 Datasheet
54Kb / 2P
Mini DisplayPort Extension Cable, 4K @ 60 Hz, HDCP 2.2 (M/F), 3 ft. (0.91 m)
P585-006 TRIPPLITE-P585-006_V01 Datasheet
54Kb / 2P
Mini DisplayPort Extension Cable, 4K @ 60 Hz, HDCP 2.2 (M/F), 6 ft. (1.83 m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com