Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD03C Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SD03C Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SD03C
Download  SD03C Download
File Size   964.62 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional Diode

SD03C Datasheet (PDF)

Go To PDF Page Download Datasheet
SD03C Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SD03C
Download  SD03C Click to download

File Size   964.62 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional Diode

SD03C Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SD03C Product details

Features
* 200W peak pulse power (8/20ps)
= Protects one data or power line
* Operating voltage: 3.3V
* Ultra low clamping voltage
* Complies with following standards:
—IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: +30kV
—IEC61000-4-4 (EFT) 80A (5/50ns)
—IEC61000-4-5 (SURGE) 20A (8/20us)




Similar Part No. - SD03C

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SD03C DIOTECH-SD03C Datasheet
777Kb / 3P
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Shanghai Leiditech Elec...
SD03C LEIDITECH-SD03C Datasheet
131Kb / 3P
USB 2.0 power and data line
logo
Shanghai Semitech Semic...
SD03C SEMITECH-SD03C Datasheet
126Kb / 3P
Unidirectional Configurations
logo
SHIKUES Electronics
SD03C SKTECHNOLGY-SD03C Datasheet
709Kb / 3P
Bidirectional TVS Diodes
logo
Goodwork Semiconductor ...
SD03C GWSEMI-SD03C Datasheet
1Mb / 2P
Unidirectional TVS Diodes
More results


Similar Description - SD03C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SD05CB LEIDITECH-SD05CB Datasheet
801Kb / 4P
1-Line Bi-directional Diode
logo
TECH PUBLIC Electronics...
PESD3V3L1BA TECHPUBLIC-PESD3V3L1BA Datasheet
2Mb / 4P
1-Line Bi-directional Diode
PESD12VL1BA TECHPUBLIC-PESD12VL1BA Datasheet
994Kb / 4P
1-Line Bi-directional Diode
PSD03C TECHPUBLIC-PSD03C Datasheet
1,010Kb / 4P
1-Line Bi-directional Diode
TPE03GHC TECHPUBLIC-TPE03GHC Datasheet
1,023Kb / 4P
1-Line Bi-directional Diode
TPE12EC TECHPUBLIC-TPE12EC Datasheet
2Mb / 4P
1-Line Bi-directional Diode
TPPESD3V3L1BA TECHPUBLIC-TPPESD3V3L1BA Datasheet
1Mb / 4P
1-Line Bi-directional Diode
SMF3.3CA TECHPUBLIC-SMF3.3CA Datasheet
14Mb / 4P
1-Line Bi-directional Diode
PSD12C TECHPUBLIC-PSD12C Datasheet
1Mb / 4P
1-Line Bi-directional Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com