Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGD704 Datasheet (PDF) - NXP Semiconductors

BGD704 Datasheet PDF - NXP Semiconductors
Part # BGD704
Download  BGD704 Download
File Size   55.0 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CATV amplifier module

BGD704 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGD704 Datasheet PDF - NXP Semiconductors

Part # BGD704
Download  BGD704 Click to download

File Size   55.0 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CATV amplifier module

BGD704 Datasheet (HTML) - NXP Semiconductors


BGD704 Product details

DESCRIPTION
Hybrid amplifier module operating at a voltage supply of 24 V (DC) encapsulated in a SOT115J package.

FEATURES
• Excellent linearity
• Extremely low noise
• Silicon nitride passivation
• Rugged construction
• Gold metallization ensures excellent reliability.

APPLICATIONS
• CATV systems in the frequency range of 40 to 750 MHz.




Similar Part No. - BGD704

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGD704 JMNIC-BGD704 Datasheet
65Kb / 12P
750 MHz, 20 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD704N PHILIPS-BGD704N Datasheet
55Kb / 8P
CATV amplifier module
1998 Feb 02
logo
Quanzhou Jinmei Electro...
BGD704 JMNIC-BGD704_15 Datasheet
65Kb / 12P
750 MHz, 20 dB gain power doubler amplifier
BGD704_2015 JMNIC-BGD704_2015 Datasheet
65Kb / 12P
750 MHz, 20 dB gain power doubler amplifier
More results


Similar Description - BGD704

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
CATV amplifier module
1997 Mar 25
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
CATV amplifier module
1997 Apr 10
BGY66B PHILIPS-BGY66B Datasheet
52Kb / 8P
CATV amplifier module
1997 Apr 14
BGY68 PHILIPS-BGY68 Datasheet
51Kb / 8P
CATV amplifier module
1997 Apr 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com