Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CB15 Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMP-CB15 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMP-CB15
Download  HLMP-CB15 Download
File Size   213.97 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs

HLMP-CB15 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-CB15 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMP-CB15
Download  HLMP-CB15 Click to download

File Size   213.97 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs

HLMP-CB15 Datasheet (HTML) - Agilent(Hewlett-Packard)


HLMP-CB15 Product details

Description
These high intensity blue and green LEDs are based on InGaN material technology. InGaN is the most efficient and cost effective material for LEDs in the blue and green region of the spectrum. The 472 nm typical dominant wavelength for blue and 526 nm typical dominant wavelength for green are well suited to color mixing in full color signs.

Features
• Smooth, Consistent Spatial Radiation Patterns
• Viewing Angles: 15˚ and 30˚
• High Luminous Output
• Colors: 472 nm Blue, 526 nm Green
• Superior Resistance to Moisture

Benefits
• Superior Performance in Outdoor Environments
• Wavelengths Suitable for Color Mixing in Full Color (RGB) Signs
• Color to Color Consistency of Radiation Patterns (CBxx to CMxx to HLMP-EGxx Red) Enables Sign Color Uniformity at All Angles

Applications
• Commercial Outdoor Signs
• Automotive Interior Lights
• Front Panel Indicators
• Front Panel Backlighting




Similar Part No. - HLMP-CB15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15 AVAGO-HLMP-CB15 Datasheet
352Kb / 10P
T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P00DD AVAGO-HLMP-CB15-P00DD Datasheet
367Kb / 11P
T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P00XX AVAGO-HLMP-CB15-P00XX Datasheet
352Kb / 10P
T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-QT000 AVAGO-HLMP-CB15-QT000 Datasheet
367Kb / 11P
T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Similar Description - HLMP-CB15

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
logo
Broadcom Corporation.
HLMP-CB1G-XZ0DD BOARDCOM-HLMP-CB1G-XZ0DD Datasheet
977Kb / 14P
T-1쩐 (5 mm) InGaN Blue and Green LEDs
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com