Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP1065-06F Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP1065-06F Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP1065-06F
Download  TP1065-06F Download
File Size   1270.72 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Uni-directional 6-Line TVS Dioed Array

TP1065-06F Datasheet (PDF)

Go To PDF Page Download Datasheet
TP1065-06F Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP1065-06F
Download  TP1065-06F Click to download

File Size   1270.72 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Uni-directional 6-Line TVS Dioed Array

TP1065-06F Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP1065-06F Product details

Features
Ultra low capacitance: 0.3pF typical
Ultra low leakage: nA level
Low operating voltage: 5V
Low clamping voltage
Complies with following standards:
—IEC 61000-4-2 (ESD) immunity test
Air discharge: +20kV
Contact discharge: +20kV
—IEC61000-4-4 (EFT) 40A (5/50ns)
—1EC61000-4-5 (Lightning) 3A (8/20ps)
RoHS Compliant




Similar Part No. - TP1065-06F

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
TP10 TM-TP10 Datasheet
63Kb / 2P
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
V2
TP10 TM-TP10 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
logo
Astrodyne Corporation
TP100 ASTRODYNE-TP100 Datasheet
303Kb / 4P
100W Triple Output with PFC Function
logo
FENGJUI TECHNOLOGY CO.,...
TP100 FENGJUI-TP100 Datasheet
257Kb / 5P
SMD POWER INDUCTOR-RoHS
logo
Toppower Electronic Tec...
TP100 TOPPOWER-TP100 Datasheet
743Kb / 3P
100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Similar Description - TP1065-06F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Applied Power Microelec...
ASM05 APMICRO-ASM05 Datasheet
520Kb / 5P
2-Line Uni-directional TVS Diode Array
ASM07 APMICRO-ASM07 Datasheet
675Kb / 5P
2-Line Uni-directional TVS Diode Array
AU0371P6 APMICRO-AU0371P6 Datasheet
1,011Kb / 7P
1-Line Uni-directional TVS Diode
AU0771D3 APMICRO-AU0771D3 Datasheet
767Kb / 4P
1-Line Uni-directional TVS Diode
AU1501P1 APMICRO-AU1501P1 Datasheet
796Kb / 4P
1-Line Uni-directional TVS Diode
AU2401P1 APMICRO-AU2401P1 Datasheet
737Kb / 4P
1-Line Uni-directional TVS Diode
AU2471P1 APMICRO-AU2471P1 Datasheet
612Kb / 4P
1-Line Uni-directional TVS Diode
logo
Central Semiconductor C...
CPZ33R-CMNTVS12V CENTRAL-CPZ33R-CMNTVS12V Datasheet
621Kb / 5P
4-Line Uni-Directional TVS Array Die 12 Volt
R1 27-September 2018
CPZ39R-CMNTVS5V0 CENTRAL-CPZ39R-CMNTVS5V0 Datasheet
654Kb / 5P
4-Line Uni-Directional TVS Array Die 5.0 Volt
R0 17-February 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com