Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP73333PAQNR Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP73333PAQNR Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP73333PAQNR
Download  TP73333PAQNR Download
File Size   2918.87 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 300mA Low- Dropout Linear Regulator|

TP73333PAQNR Datasheet (PDF)

Go To PDF Page Download Datasheet
TP73333PAQNR Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP73333PAQNR
Download  TP73333PAQNR Click to download

File Size   2918.87 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 300mA Low- Dropout Linear Regulator|

TP73333PAQNR Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP73333PAQNR Product details

Features
Input Voltage Range : 1.4V to 5.5V
e 15 uA Ground Current (lg) at no Load
« PSRR = 70dB at 1kHz
« +1.5% Output Accuracy
o Low (0.1pA) Shutdown Current
o Dropout Voltage : 0.15V at 300mA when Vouyr 2 3V
« Support Fixed Output Voltage 0.8V, 1.0V, 1.05V, 1.1V,
1.2V, 1.25V, 1.3V, 1.5V, 1.8V, 1.85V, 2V, 2.5V, 2.8V,
2.85V, 3V, 3.1V, 3.3V, 345V
o Current Limit Protection
o Over Temperature Protection
« Output Active Discharge Function
o DFN-4L 1x1 Packages




Similar Part No. - TP73333PAQNR

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
7.2 x 7.2 mm Sealed Tactile Switches
logo
TOCOSAMERICA, INC.
TP7 TOCOS-TP7 Datasheet
223Kb / 3P
CODED SWITCHES
logo
TiMOTION Technology Co....
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
Input voltage 100~240V AC
20160623-E
logo
Eaton All Rights Reserv...
TP701 EATON-TP701 Datasheet
42Kb / 2P
Eaton Crouse-Hinds series TP grounding screw with pigtail
logo
TOCOSAMERICA, INC.
TP70GF482 TOCOS-TP70GF482 Datasheet
223Kb / 3P
CODED SWITCHES
More results


Similar Description - TP73333PAQNR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722 AIC-AIC1722 Datasheet
211Kb / 6P
300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com