Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4EUSB30DQAR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPD4EUSB30DQAR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPD4EUSB30DQAR-TP
Download  TPD4EUSB30DQAR-TP Download
File Size   1322.4 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line Uni-directional TVS Diode

TPD4EUSB30DQAR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD4EUSB30DQAR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPD4EUSB30DQAR-TP
Download  TPD4EUSB30DQAR-TP Click to download

File Size   1322.4 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line Uni-directional TVS Diode

TPD4EUSB30DQAR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPD4EUSB30DQAR-TP Product details

Features
100 Watts Peak Pulse Power per Line (tp=8/20ps)
Protects two or four I/0 lines
Low capacitance: 0.3pF typical (I/O to 1/0)
Low operating voltage: 5V
RoHS Compliant
IEC61000-4-2 (ESD) £25kV (air), £20kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ns)
IEC61000-4-5 (Lightning) 4A (8/20ps)




Similar Part No. - TPD4EUSB30DQAR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4EUSB30DQAR TI-TPD4EUSB30DQAR Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4EUSB30DQAR TI1-TPD4EUSB30DQAR Datasheet
1Mb / 16P
2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD4EUSB30DQAR TI2-TPD4EUSB30DQAR Datasheet
2Mb / 28P
TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
REVISED JUNE 2021
TPD4EUSB30DQAR.B TI2-TPD4EUSB30DQAR.B Datasheet
2Mb / 28P
TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
REVISED JUNE 2021
TPD4EUSB30DQARG4 TI2-TPD4EUSB30DQARG4 Datasheet
2Mb / 28P
TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
REVISED JUNE 2021
More results


Similar Description - TPD4EUSB30DQAR-TP

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESDLC0524P TECHPUBLIC-TPESDLC0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPRCLAMP0524P TECHPUBLIC-TPRCLAMP0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPD4E05U06DQAR TECHPUBLIC-TPD4E05U06DQAR Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
RCLAMP0524P TECHPUBLIC-RCLAMP0524P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TP1045-04F TECHPUBLIC-TP1045-04F Datasheet
1Mb / 4P
4-Line Uni-directional TVS Diode
TPAZ1043-04F TECHPUBLIC-TPAZ1043-04F Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPD4E05U06DAQR-TP TECHPUBLIC-TPD4E05U06DAQR-TP Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
TPESD3324P TECHPUBLIC-TPESD3324P Datasheet
869Kb / 5P
4-Line Uni-directional TVS Diode
TPRCLAMP3324P TECHPUBLIC-TPRCLAMP3324P Datasheet
745Kb / 5P
4-Line Uni-directional TVS Diode
RCLAMP3324P TECHPUBLIC-RCLAMP3324P Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com