Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD7100 Datasheet (PDF) - Laird Tech Smart Technology

HD7100 Datasheet PDF - Laird Tech Smart Technology
Part # HD7100
Download  HD7100 Download
File Size   184.11 Kbytes
Page   2 Pages
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology
Description Thermal Gap Filler

HD7100 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD7100 Datasheet PDF - Laird Tech Smart Technology

Part # HD7100
Download  HD7100 Click to download

File Size   184.11 Kbytes
Page   2 Pages
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology
Description Thermal Gap Filler

HD7100 Datasheet (HTML) - Laird Tech Smart Technology


HD7100 Product details

PRODUCT DESCRIPTION
Tflex™ HD700 thermal gap filler combines 5 W/mK thermal conductivity with superior pressure
versus deflection characteristics. The combination will allow minimal stress on components
while also yielding low thermal resistance. As a result, less mechanical and thermal stresses will
be experienced within your device.
Tflex™ HD700PI can be provided with an integrated polyimide film on one side. This liner
provides numerous application benefits like electrical isolation, placement ease during
assembly, and tear resistance for applications that require shear.
Tflex™ HD700 and Tflex™ HD700PI are available in thickness from 0.5mm (0.020”) to 5mm
(0.200”). The standard material Tflex™ HD700 material is a light pink color, but we do have the
option to provide this in a grey color if a neutral color is desired (Tflex HD700,GR).
Laird can provide material to meet your production needs in any region through our local
production facilities. Please contact your local Laird sales or field engineering contact for
samples or questions.
FEATURES AND BENEFITS
 5.0 W/mK thermal conductivity
 Low pressure versus deflection
 Excellent surface wetting for low contact resistance
 Minimizes board and component stress
 Option for additional electrical isolation and tear resistance
 Environmentally friendly solution that meets regulatory requirements including RoHS and
REACH




Similar Part No. - HD7100

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
HD710 A-DATA-HD710 Datasheet
811Kb / 1P
DashDrive Dura HD710 Portable Hard Drive
HD710A A-DATA-HD710A Datasheet
425Kb / 2P
Designed for Mac-supports Time Machine
HD710M A-DATA-HD710M Datasheet
765Kb / 2P
Waterproof
HD710PRO A-DATA-HD710PRO Datasheet
911Kb / 2P
Military-grade plus for drops from 1.5m
More results


Similar Description - HD7100

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HD300 LSTD-HD300 Datasheet
240Kb / 1P
High Deflection Thermal Gap Filler
HR600 LSTD-HR600 Datasheet
815Kb / 2P
Thermal Gap Filler
TFLEX300 LSTD-TFLEX300 Datasheet
232Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40111020 WURTH-40111020 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40001050 WURTH-40001050 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40012020 WURTH-40012020 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
logo
Laird Tech Smart Techno...
RB300 LSTD-RB300 Datasheet
183Kb / 2P
Thermal Gap Filler
081621
logo
Wurth Elektronik GmbH &...
40004040 WURTH-40004040 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40101005 WURTH-40101005 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40105005 WURTH-40105005 Datasheet
291Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com