Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPD3176 Datasheet (PDF) - Infineon Technologies AG

CYPD3176 Datasheet PDF - Infineon Technologies AG
Part # CYPD3176
Download  CYPD3176 Download
File Size   369.4 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description USB Type-C port controller for power sinks

CYPD3176 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYPD3176 Datasheet PDF - Infineon Technologies AG

Part # CYPD3176
Download  CYPD3176 Click to download

File Size   369.4 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description USB Type-C port controller for power sinks

CYPD3176 Datasheet (HTML) - Infineon Technologies AG


CYPD3176 Product details

Features
• USB Type-C and USB-PD support
- Supports USB PD3.0 Version 2.0 Spec including programmable power supply mode
- Supports one USB Type-C port
• Legacy charging
- Support for legacy charging or Type-C 5V operation when connected to USB Type-A ports
- Support for legacy charging protocols like BC1.2, Apple, AFC, QC 2.0[1]
• System-level fault protection
- VBUS to CC short protection
- On-chip overvoltage protection (OVP), overcurrent protection (OCP), overtemperature protection (OTP)
• Power
- 3.0 V to 24.5 V operation (30 V tolerant)
- Integrated VBUS load switch gate drivers with in-rush current control
• Firmware
- Firmware update available through I2C bootloader as well as over SWD interface
- CCG UFP Host Processor Interface (HPI) based Sink PPS support
• System-Level ESD Protection
- On CC, VBUS_IN_DIS, DC_OUT_DIS, D+, D–, HPI_SDA and HPI_SCL pins
- ± 8-kV contact discharge and ±15-kV air gap discharge based on IEC61000-4-2 level 4C
• Packages
- 24-pin QFN package
- Supports extended industrial temperature range (–40°C to +105°C)




Similar Part No. - CYPD3176

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYPD3174-16SXQ INFINEON-CYPD3174-16SXQ Datasheet
569Kb / 37P
EZ-PD™ CCG3PA Datasheet
Revised March 2, 2018
More results


Similar Description - CYPD3176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG1 CYPRESS-CCG1 Datasheet
552Kb / 31P
USB Type-C Port Controller with Power Delivery
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com