Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78L Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM78L Datasheet PDF - Texas Instruments
Part # LM78L
Download  LM78L Download
File Size   1434.49 Kbytes
Page   35 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM78L 100-mA Fixed Output Linear Regulator

LM78L Datasheet (PDF)

Go To PDF Page Download Datasheet
LM78L Datasheet PDF - Texas Instruments

Part # LM78L
Download  LM78L Click to download

File Size   1434.49 Kbytes
Page   35 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM78L 100-mA Fixed Output Linear Regulator

LM78L Datasheet (HTML) - Texas Instruments


LM78L Product details

1 Features
1• For lower cost alternative, see the UA78L
• Input voltage up to 30 V
• Output voltage tolerances of ±5% over the
temperature range
• Available output voltages: 5 V, 6.2 V, 8.2 V, 9 V,
12 V, and 15 V
• Output current of 100 mA
• Output transistor safe area protection
• Internal thermal overload protection
• Internal short-circuit current limit
• No external components
• Available in tiny DSBGA package
• Available in 3-pin TO-92 and 8-pin SOIC low profile packages




Similar Part No. - LM78L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L NSC-LM78L Datasheet
211Kb / 12P
3-Terminal Positive Regulators
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
100mA Positive Voltage Regulator
logo
Texas Instruments
LM78L TI2-LM78L Datasheet
1Mb / 42P
LM78L 100mA Fixed Output Linear Regulator
REVISED FEBRUARY 2026
LM78L TI2-LM78L Datasheet
2Mb / 5P
LM78L 100mA Fixed Output Linear Regulator
REVISED APRIL 2026
logo
National Semiconductor ...
LM78L00 NSC-LM78L00 Datasheet
164Kb / 10P
LM78L00 Series 3-Terminal Positive Voltage Regulators
More results


Similar Description - LM78L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3309 AD-ADP3309 Datasheet
120Kb / 8P
anyCAP??100 mA Low Dropout Linear Regulator
REV.0
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
logo
Analog Devices
ADP3309ART-2.5-REEL7 AD-ADP3309ART-2.5-REEL7 Datasheet
348Kb / 12P
anyCAP 100 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
logo
Analog Devices
ADP3309ART-25 AD-ADP3309ART-25 Datasheet
348Kb / 12P
anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TPS76201 TI1-TPS76201_17 Datasheet
597Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
logo
FutureWafer Tech Co.,Lt...
FW78L FUTUREWAFER-FW78L Datasheet
1Mb / 19P
100mA Fixed Output Linear Regulator
22-Jan-2022 V 2.0
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com