Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY120A Datasheet (PDF) - NXP Semiconductors

BGY120A Datasheet PDF - NXP Semiconductors
Part # BGY120A
Download  BGY120A Download
File Size   45.81 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description UHF amplifier modules

BGY120A Datasheet (PDF)

Go To PDF Page Download Datasheet
BGY120A Datasheet PDF - NXP Semiconductors

Part # BGY120A
Download  BGY120A Click to download

File Size   45.81 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description UHF amplifier modules

BGY120A Datasheet (HTML) - NXP Semiconductors


BGY120A Product details

DESCRIPTION
The BGY120A and BGY120B are two-stage UHF amplifier modules in a SOT482B package with plastic cover. Each module consists of two NPN silicon planar transistor dies mounted together with a matching and bias circuit components on a metallized ceramic substrate. These modules produce an output power of 1 W into a load of 50 Ω with an RF drive power of 5 mW.

FEATURES
• Single 3.5 V nominal supply voltage
• 1 W output power
• Easy control of output power by DC voltage
• Very high efficiency (typ. 60%)
• Silicon bipolar technology
• Standby current less than 10 µA.

APPLICATIONS
• Hand-held transmitting equipment operating in the 824 to 849 MHz and 872 to 905 MHz frequency ranges.




Similar Part No. - BGY120A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY122A PHILIPS-BGY122A Datasheet
97Kb / 16P
UHF amplifier modules
1998 May 11
BGY122B PHILIPS-BGY122B Datasheet
97Kb / 16P
UHF amplifier modules
1998 May 11
More results


Similar Description - BGY120A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHL8115 MOTOROLA-MHL8115 Datasheet
50Kb / 4P
UHF Linear Amplifier
MHL9125 MOTOROLA-MHL9125 Datasheet
50Kb / 4P
UHF Linear Amplifier
logo
NXP Semiconductors
BGY122A PHILIPS-BGY122A Datasheet
97Kb / 16P
UHF amplifier modules
1998 May 11
BGY212A PHILIPS-BGY212A Datasheet
132Kb / 11P
UHF amplifier module
1999 Aug 23
BGY916 PHILIPS-BGY916 Datasheet
88Kb / 12P
UHF amplifier module
1998 May 27
BGY925 PHILIPS-BGY925 Datasheet
88Kb / 12P
UHF amplifier module
2000 Feb 02
logo
STMicroelectronics
2N5179 STMICROELECTRONICS-2N5179 Datasheet
42Kb / 2P
VHF/UHF AMPLIFIER
logo
NXP Semiconductors
BGY49A PHILIPS-BGY49A Datasheet
197Kb / 9P
UHF AMPLIFIER MODULES
October 1990
BGY280 PHILIPS-BGY280 Datasheet
156Kb / 11P
UHF amplifier module
2000 Nov 15
BGY240S PHILIPS-BGY240S Datasheet
85Kb / 12P
UHF amplifier module
1999 Aug 23
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com