Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY148B Datasheet (PDF) - NXP Semiconductors

BGY148B Datasheet PDF - NXP Semiconductors
Part # BGY148B
Download  BGY148B Download
File Size   84.19 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description HF amplifier modules

BGY148B Datasheet (PDF)

Go To PDF Page Download Datasheet
BGY148B Datasheet PDF - NXP Semiconductors

Part # BGY148B
Download  BGY148B Click to download

File Size   84.19 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description HF amplifier modules

BGY148B Datasheet (HTML) - NXP Semiconductors


BGY148B Product details

DESCRIPTION
The BGY148A and BGY148B are three-stage UHF amplifier modules in a SOT421A package. Each module consists of three NPN silicon planar transistor dies mounted together with matching and bias circuit components on a metallized ceramic substrate. The modules produce an output power of 3 W into a load of 50 Ω with an RF drive power of 10 mW.

FEATURES
• Single 6 V nominal supply voltage
• 3 W output power
• Easy control of output power by DC voltage
• Silicon bipolar technology
• Standby current less than 100 µA.

APPLICATIONS
• Portable communication equipment operating in the 400 to 440 MHz and 430 to 488 MHz frequency ranges respectively.




Similar Part No. - BGY148B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY145A PHILIPS-BGY145A Datasheet
271Kb / 7P
VHF amplifier module
May 1991
BGY145B PHILIPS-BGY145B Datasheet
275Kb / 7P
VHF amplifier module
May 1991
BGY145C PHILIPS-BGY145C Datasheet
325Kb / 7P
VHF amplifier module
May 1991
More results


Similar Description - BGY148B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702 PHILIPS-BGD702 Datasheet
64Kb / 12P
CATV amplifier modules
2001 Nov 27
BGD902 PHILIPS-BGD902 Datasheet
73Kb / 10P
CATV amplifier modules
Rev. 07-8 March 2005
BGY84 PHILIPS-BGY84 Datasheet
51Kb / 8P
CATV amplifier modules
1999 Mar 26
BGY84A PHILIPS-BGY84A Datasheet
62Kb / 8P
CATV amplifier modules
1997 Apr 10
BGY86 PHILIPS-BGY86 Datasheet
45Kb / 8P
CATV amplifier modules
1999 Mar 25
logo
Sanyo Semicon Device
2SC2999 SANYO-2SC2999 Datasheet
189Kb / 5P
HF Amplifier Applications
2SK3557 SANYO-2SK3557 Datasheet
34Kb / 4P
Low-Noise HF Amplifier Applications
logo
Harris Corporation
RF-5834H-PA001 HARRIS-RF-5834H-PA001 Datasheet
230Kb / 2P
400 WATT HF POWER AMPLIFIER
RF-5832H-PA101 HARRIS-RF-5832H-PA101 Datasheet
222Kb / 2P
125 WATT HF POWER AMPLIFIER
logo
Hamamatsu Corporation
M7279 HAMAMATSU-M7279_15 Datasheet
190Kb / 4P
AMPLIFIER MODULES
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com