Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL35P12 Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL35P12 Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL35P12
Download  BL35P12 Download
File Size   112.2 Kbytes
Page   5 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description BL35P12

BL35P12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL35P12 Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL35P12
Download  BL35P12 Click to download

File Size   112.2 Kbytes
Page   5 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description BL35P12

BL35P12 Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL35P12 Product details

Overview

BL35P12 OTP type is a low-power 8-bit general purpose microcontrollers (MCU). Applicable to all types of household electrical appliances (such as televisions, VCD, etc.). Small appliance control infrared remote control, complete scan and generate infrared signals encoded keys can also be used for all kinds of simple functions. BL35P12 Compatible with this type of company MASK low power 8-bit general purpose microcontroller BL3502S, while in some ways function has been enhanced.



Main Features

● instruction compatible with the BL2220 ((((BL3502S No MUL, ROR, ASR and other four instructions, etc. four instructions))))

● CPU: 8 Wei

● ROM unit: 2K byte

● RAM units: 64 byte ((((BL3502S BL3502S BL3502S is as of the 48 byte 48 byte 48 byte))))

● crystal oscillator circuit: 400K ~ 4MHz crystal oscillator or internal RC oscillator ((((BL3502S No Internal No internal RC oscillator oscillation))))

● I / O ports: 2 8-bit bidirectional port

● infrared encoder signal output: software selectable modulation 38KHz

● 17 Wei watchdog ((((BL3502S  no))))

● Low Voltage Reset LVR (inverse voltage 1.9V ± 0.2V), software selectable ((((BL3502S is as to the 2.0V  ± 0.2V))))

● other peripheral circuits: 8-bit programmable timer

● Power supply voltage: 2.0 ~ 5.5V

● Working temperature: -40 ~ 85 ℃

● Static power consumption: <1uA @ VDD = 3V

● Dynamic power consumption: <1mA @ VDD = 3V

● Package: SOP24 / DIP24 / SOP20 200MIL / SOP20 300MIL / SSOP20 / DIP20




Similar Part No. - BL35P12

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
BL35P SHUNYE-BL35P Datasheet
384Kb / 2P
High Current Automobile Rectifier
BL35P(N) SHUNYE-BL35P(N) Datasheet
384Kb / 2P
High Current Automobile Rectifier
logo
SHANGHAI BELLING CO., L...
BL35P02 BELLING-BL35P02 Datasheet
308Kb / 27P
BL35P02 is a single-chip 8-bit micro-controller
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com