Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSMP Datasheet (PDF) - List of Unclassifed Manufacturers

QSMP Datasheet PDF - List of Unclassifed Manufacturers
Part # QSMP
Download  QSMP Download
File Size   800.93 Kbytes
Page   17 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description QFN Style Solder-Down Computer-on-Modules

QSMP Datasheet (PDF)

Go To PDF Page Download Datasheet
QSMP Datasheet PDF - List of Unclassifed Manufacturers

Part # QSMP
Download  QSMP Click to download

File Size   800.93 Kbytes
Page   17 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description QFN Style Solder-Down Computer-on-Modules

QSMP Datasheet (HTML) - List of Unclassifed Manufacturers


QSMP Product details

• Solder-down version
• 27mm square
• 2.3mm total height
• QFN type lead style
◦ 1mm pitch
◦ 100 pads
◦ Thermal pad
• Visual solder joint inspection possible after soldering
• Single-sided assembly
• High speed design compliant
• 3.3V power supply




Similar Part No. - QSMP

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QSM-0-18000-4-24-1 QUALWAVE-QSM-0-18000-4-24-1 Datasheet
185Kb / 1P
Switch Matrix
Rev 1.1
QSM-0-40000-3-18-1 QUALWAVE-QSM-0-40000-3-18-1 Datasheet
1Mb / 2P
Switch Matrix
Rev 1.1
QSM-0-40000-4-32-1 QUALWAVE-QSM-0-40000-4-32-1 Datasheet
246Kb / 2P
Switch Matrix
Rev 1.1
QSM-0-67000-20-8-1 QUALWAVE-QSM-0-67000-20-8-1 Datasheet
304Kb / 1P
Switch Matrix
Rev 1.1
QSM-0-X-1-2-1 QUALWAVE-QSM-0-X-1-2-1 Datasheet
649Kb / 2P
Switch Matrix
Rev 1.1
More results


Similar Description - QSMP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14954 MAXIM-MAX14954 Datasheet
4Mb / 17P
Computer on Modules
Rev 0; 11/12
MAX14955 MAXIM-MAX14955 Datasheet
5Mb / 19P
Computer on Modules
Rev 0; 3/13
logo
GSR Technology Ltd
AL-9A3 GSR-AL-9A3 Datasheet
392Kb / 2P
Computer-on-Modules
BT9A3 GSR-BT9A3 Datasheet
395Kb / 2P
Computer-on-Modules
BW968 GSR-BW968 Datasheet
404Kb / 2P
Computer-on-Modules
HR908-B GSR-HR908-B Datasheet
406Kb / 2P
Computer-on-Modules
KB968 GSR-KB968 Datasheet
402Kb / 2P
Computer-on-Modules
KU968 GSR-KU968 Datasheet
402Kb / 2P
Computer-on-Modules
OT905-B GSR-OT905-B Datasheet
351Kb / 2P
Computer-on-Modules
SU968 GSR-SU968 Datasheet
404Kb / 2P
Computer-on-Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com