Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD0522P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD0522P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD0522P
Download  TPESD0522P Download
File Size   1321.65 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance TVS Diode

TPESD0522P Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD0522P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD0522P
Download  TPESD0522P Click to download

File Size   1321.65 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Low Capacitance TVS Diode

TPESD0522P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD0522P Product details

Features
Ultra small package: 1.6x1.0x0.5mm
Ultra low capacitance: 0.3 pF typical (1o to i0)
Ultra low leakage: nA level
Low operating voltage: 5V
Low clamping voltage
- IEC 61000-4-2 (ESD) immunity test
Air discharge: £30kV
Contact discharge: £30kV
—IEC61000-4-5 (Lightning) 5A (8/20 ps)
These are Pb—Free Devices




Similar Part No. - TPESD0522P

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD0524J TECHPUBLIC-TPESD0524J Datasheet
1Mb / 6P
Low Capactitance 4-Line Uni-directional TVS Diode
More results


Similar Description - TPESD0522P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD8V0L INFINEON-ESD8V0L_09 Datasheet
570Kb / 9P
Low Capacitance TVS Diode
2009-07-07
logo
Peregrine Semiconductor...
XBP1009 PEREGRINE-XBP1009_15 Datasheet
174Kb / 5P
Low Capacitance TVS Diode
logo
Shanghai Leiditech Elec...
LC12I LEIDITECH-LC12I Datasheet
130Kb / 3P
LOW CAPACITANCE TVS DIODE
LC3301CW LEIDITECH-LC3301CW Datasheet
130Kb / 3P
LOW CAPACITANCE TVS DIODE
LC03ILVB LEIDITECH-LC03ILVB Datasheet
816Kb / 6P
LOW CAPACITANCE TVS DIODE
LC2511CCW LEIDITECH-LC2511CCW Datasheet
356Kb / 3P
LOW CAPACITANCE TVS DIODE
LC3311DCW LEIDITECH-LC3311DCW Datasheet
193Kb / 3P
LOW CAPACITANCE TVS DIODE
WS05DLC LEIDITECH-WS05DLC Datasheet
385Kb / 3P
LOW CAPACITANCE TVS DIODE
ESD3F7VW LEIDITECH-ESD3F7VW Datasheet
645Kb / 4P
LOW CAPACITANCE TVS DIODE
logo
Diodes Incorporated
T5V0LCS5 DIODES-T5V0LCS5 Datasheet
359Kb / 4P
LOW CAPACITANCE TVS DIODE
October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com