Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1188 Datasheet (PDF) - Nanjing International Group Co

2SB1188 Datasheet PDF - Nanjing International Group Co
Part # 2SB1188
Download  2SB1188 Download
File Size   483.3 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Medium power transistor(-32V,-2A)

2SB1188 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1188 Datasheet PDF - Nanjing International Group Co

Part # 2SB1188
Download  2SB1188 Click to download

File Size   483.3 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Medium power transistor(-32V,-2A)

2SB1188 Datasheet (HTML) - Nanjing International Group Co


2SB1188 Product details

FEATURES
Low VCE(SAT)=-0.5V(Typ.)
(IC/IB=-2A/-0.2A).
Complementary the 2SD1766.
APPLICATIONS
Epitaxial planar type.
PNP silicon transistor.




Similar Part No. - 2SB1188

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1188 ROHM-2SB1188 Datasheet
93Kb / 4P
Medium power Transistor(-32V, -2A)
2SB1188 ROHM-2SB1188 Datasheet
538Kb / 11P
MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1188 ROHM-2SB1188 Datasheet
124Kb / 4P
Medium Power Transistor (32V, 2A)
logo
Weitron Technology
2SB1188 WEITRON-2SB1188 Datasheet
128Kb / 5P
Epitaxial Planar PNP Transistors
logo
Unisonic Technologies
2SB1188 UTC-2SB1188 Datasheet
54Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results


Similar Description - 2SB1188

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB891F ROHM-2SB891F Datasheet
538Kb / 11P
MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB1188 ROHM-2SB1188_09 Datasheet
180Kb / 4P
Medium power transistor (-32V, -2A)
2SD1766 ROHM-2SD1766_09 Datasheet
176Kb / 4P
Medium power transistor (32V, 2A)
MP6X2 ROHM-MP6X2 Datasheet
118Kb / 4P
Medium Power Transistor (32V, 2A)
MP6Z2 ROHM-MP6Z2 Datasheet
119Kb / 6P
Medium Power Transistor (32V, 2A)
2SB1182 ROHM-2SB1182 Datasheet
153Kb / 4P
Medium power transistor (-32V, -2A)
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
Medium power transistor (32V, 2A)
logo
Littelfuse
2SD1758TLR LITTELFUSE-2SD1758TLR Datasheet
111Kb / 3P
Medium power transistor (32V, 2A)
logo
Rohm
2SB1182TLR ROHM-2SB1182TLR Datasheet
116Kb / 4P
Medium power transistor (32V,2A)
2SB1188T100Q ROHM-2SB1188T100Q Datasheet
180Kb / 4P
Medium power transistor (32V, 2A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com