Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1308 Datasheet (PDF) - Nanjing International Group Co

2SB1308 Datasheet PDF - Nanjing International Group Co
Part # 2SB1308
Download  2SB1308 Download
File Size   437.12 Kbytes
Page   3 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Power Transistor(-50V,-3A)

2SB1308 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1308 Datasheet PDF - Nanjing International Group Co

Part # 2SB1308
Download  2SB1308 Click to download

File Size   437.12 Kbytes
Page   3 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Power Transistor(-50V,-3A)

2SB1308 Datasheet (HTML) - Nanjing International Group Co


2SB1308 Product details

FEATURES
Low saturation voltage,typically
VCE(sat)=-0.45(Max) at IC/IB=-1.5A/-0.15A
Excellent DC current gain characterisitics.
Complementary the 2SD1963.




Similar Part No. - 2SB1308

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1308 ROHM-2SB1308 Datasheet
61Kb / 3P
Power Transistor (-50V, -3A)
logo
TRANSYS Electronics Lim...
2SB1308 TEL-2SB1308 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SB1308 KEXIN-2SB1308 Datasheet
50Kb / 1P
Power Transistor
logo
Shenzhen Jin Yu Semicon...
2SB1308 HTSEMI-2SB1308 Datasheet
189Kb / 1P
TRANSISTOR
logo
WILLAS ELECTRONIC CORP
2SB1308 WILLAS-2SB1308 Datasheet
482Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
More results


Similar Description - 2SB1308

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
Power Transistor (-50V, -3A)
2SD1760 ROHM-2SD1760 Datasheet
77Kb / 3P
Power Transistor 50V, 3A
2SB1308 ROHM-2SB1308 Datasheet
61Kb / 3P
Power Transistor (-50V, -3A)
2SD1762 ROHM-2SD1762 Datasheet
153Kb / 4P
Power Transistor (50V, 3A)
2SD1963 ROHM-2SD1963 Datasheet
60Kb / 3P
Power transistor (50V, 3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
Power Transistor (-50V, -3A)
logo
Rohm
2SD1760 ROHM-2SD1760_09 Datasheet
176Kb / 4P
Power Transistor (50V, 3A)
2SD1864 ROHM-2SD1864 Datasheet
147Kb / 4P
Power Transistor (50V, 3A)
2SD1760TLR ROHM-2SD1760TLR Datasheet
81Kb / 3P
Power Transistor (50V, 3A)
2SA1797T100P ROHM-2SA1797T100P Datasheet
171Kb / 3P
Power Transistor -50V, -3A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com