Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1386 Datasheet (PDF) - Nanjing International Group Co

2SB1386 Datasheet PDF - Nanjing International Group Co
Part # 2SB1386
Download  2SB1386 Download
File Size   490.25 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description PNP Silicon Epitaxial Planar Transistor

2SB1386 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1386 Datasheet PDF - Nanjing International Group Co

Part # 2SB1386
Download  2SB1386 Click to download

File Size   490.25 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description PNP Silicon Epitaxial Planar Transistor

2SB1386 Datasheet (HTML) - Nanjing International Group Co


2SB1386 Product details

FEATURES
Low VCE(sat)=-0.35V(Typ.)
(IC/IB=-4A/-0.1A).
Excellent DC current gain characteristics.
Complementary: 2SD2098.
APPLICATIONS
Low frequency transistor.




Similar Part No. - 2SB1386

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1386 ROHM-2SB1386 Datasheet
107Kb / 5P
Low Frequency Transistor(-20V,-5A)
logo
Weitron Technology
2SB1386 WEITRON-2SB1386 Datasheet
151Kb / 6P
Epitaxial Planar Transistor PNP Silicon
logo
Unisonic Technologies
2SB1386 UTC-2SB1386 Datasheet
200Kb / 5P
LOW FREQUENCY PNP TRANSISTOR
logo
Rohm
2SB1386 ROHM-2SB1386 Datasheet
139Kb / 5P
Low frequency transistor (−20V, −5A)
logo
Guangdong Kexin Industr...
2SB1386 KEXIN-2SB1386 Datasheet
51Kb / 1P
Low Frequency Transistor
More results


Similar Description - 2SB1386

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com