Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0507 Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL0507 Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL0507
Download  BL0507 Download
File Size   91.35 Kbytes
Page   9 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description Infrared Remote Control Transmitter IC

BL0507 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL0507 Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL0507
Download  BL0507 Click to download

File Size   91.35 Kbytes
Page   9 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description Infrared Remote Control Transmitter IC

BL0507 Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL0507 Product details

Description
The BL0507 is an infrared remote control transmitter LSI for TV, VCR, stereo components, cassette decks, air conditioners, and other appliances. There are 64 function keys and 3 double action keys, the 128+6 function codes are available by using SELECT terminal. The transmission code consists of “leader pules”, “16bit customer code”, and “16 bit date code”. Using micro-processors for decode, various applications can be realized. (BL0507compatible with NEC standard µPD 6122-G001)

Features
• Low voltage operation: VDD=2.0~3.3V.
• Low power consumption: IDD< 1µA at standby mode
• A system with an extremely low error rate.
• A fewer external parts
• Use of ceramic resonator with a 400 to 500 kHz oscillation is designed for non- adjustment operation




Similar Part No. - BL0507

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BL0508-09-73 KINGBRIGHT-BL0508-09-73 Datasheet
74Kb / 2P
22mm x 22mm LED CLUSTER
logo
SHANGHAI BELLING CO., L...
BL0508A1 BELLING-BL0508A1 Datasheet
60Kb / 1P
Infrared Remote Control Transmitter IC
BL0509 BELLING-BL0509 Datasheet
54Kb / 1P
General Infrared Ray Remote Control Receiver
More results


Similar Description - BL0507

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2266 PTC-PT2266 Datasheet
33Kb / 3P
Infrared Remote Control Transmitter IC
logo
Sanyo Semicon Device
LC7461M SANYO-LC7461M Datasheet
107Kb / 7P
Infrared Remote Control Transmitter IC
LC7463M SANYO-LC7463M Datasheet
144Kb / 7P
Infrared Remote Control Transmitter IC
LC7464M SANYO-LC7464M Datasheet
155Kb / 7P
Infrared Remote Control Transmitter IC
LC7465M SANYO-LC7465M Datasheet
187Kb / 8P
Infrared Remote Control Transmitter IC
logo
List of Unclassifed Man...
SAA1250 ETC-SAA1250 Datasheet
1,023Kb / 9P
Infrared Remote-Control Transmitter IC
logo
SHANGHAI BELLING CO., L...
BL0508A1 BELLING-BL0508A1 Datasheet
60Kb / 1P
Infrared Remote Control Transmitter IC
logo
Princeton Technology Co...
PT2215 PTC-PT2215 Datasheet
448Kb / 16P
Infrared Remote Control Transmitter IC
logo
SHENZHEN FUMAN ELECTRON...
SC6122-00FF FUMAN-SC6122-00FF Datasheet
343Kb / 5P
Infrared remote control transmitter IC
TC6221 FUMAN-TC6221 Datasheet
526Kb / 10P
Infrared remote control transmitter IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com