Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV9613 Datasheet (PDF) - Analog Devices

ADMV9613 Datasheet PDF - Analog Devices
Part # ADMV9613
Download  ADMV9613 Download
File Size   87.04 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60 GHz Millimeterwave Short Data Link

ADMV9613 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV9613 Datasheet PDF - Analog Devices

Part # ADMV9613
Download  ADMV9613 Click to download

File Size   87.04 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60 GHz Millimeterwave Short Data Link

ADMV9613 Datasheet (HTML) - Analog Devices


ADMV9613 Product details

GENERAL DESCRIPTION
The ADMV9613 is a complete millimeterwave (mmWave) wireless
connectivity solution in a small printed circuit assembly (PCA)
format. All millimeterwave signals are confined to the printed circuit
assembly, simplifying implementation. Wireless transmission
is achieved using the integrated circularly polarized (CP) omnidirectional
patch antenna array, which enables communication in many
applications, including rotation. Following the antenna array is an
integrated diplexer that provides isolation between the separate
transmit and receive paths on the board, which reduces multipath
distortion. The receive path integrates all components to demodulate
the 59.85 GHz frequency to baseband signals. The flexible
receiver gain control is programmable over a wide range to easily
accommodate the required link budget. The receiver baseband
outputs are dc-coupled and can provide over 500 mV of differential
output signal level. Likewise, the transmit path integrates all components
to modulate input baseband signals to 63.2625 GHz. The
transmitter has programmable gain control to maintain level transmit
power. The transmit baseband inputs are dc-coupled and have
a broad common-mode input range. Synthesizers are integrated to
maintain excellent frequency stability vs. temperature. The simple
amplitude modulation (AM) scheme eliminates the need for external
data converters, allowing for bit rates of greater than 100 Mbps.
On-board power management is integrated to a single 5 V voltage
rail to power the ADMV9613.

FEATURES
► Meets V-band worldwide frequency requirements
► Integrated omnidirectional circularly polarized antenna
► Integrated high band and low band diplexer for improved multipath
distortion
► Full duplex operation
► Simple AM scheme
► Data rate: 100 Mbps
► Ultralow latency
► Short link communication distance: 1 cm to 5 cm
► Receiver frequency: 59.85 GHz
► Transmitter frequency: 63.2625 GHz
► Transmitter gain setting range: −3 dB to +32 dB
► Integrated transmitter PA power detector
► Receiver gain setting range: −10 dB to +69 dB
► RF, IF, and BB gain control
► Integrated receiver and transmitter frequency synthesizers
► Integrated reference clock
► On-chip temperature sensors
► DC-coupled baseband input and output
► 3-wire digital SPI
► 34.70 mm × 29.89, 52-terminal printed circuit assembly (PCA)

APPLICATIONS
► 60 GHz short data link for industrial and medical high data rate
applications
► High speed data for rotating applications, such as slip rings and
magnetic resonance imaging systems




Similar Part No. - ADMV9613

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV9611 AD-ADMV9611 Datasheet
100Kb / 2P
60 GHz Millimeterwave Short Data Link
More results


Similar Description - ADMV9613

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
VAN Data Link Controller
TSS461E ATMEL-TSS461E_06 Datasheet
606Kb / 57P
VAN Data Link Controller
logo
Adam Technologies, Inc.
FODL-001 ADAM-TECH-FODL-001 Datasheet
77Kb / 1P
FIBER OPTIC DATA LINK
FODL-002 ADAM-TECH-FODL-002 Datasheet
77Kb / 1P
FIBER OPTIC DATA LINK
logo
LANSDALE Semiconductor ...
ML145488 LANSDALE-ML145488 Datasheet
200Kb / 12P
Dual Data Link Controller
logo
Motorola, Inc
MC6854 MOTOROLA-MC6854 Datasheet
2Mb / 22P
ADVANCED DATA-LINK CONTROLLER
logo
Analog Devices
ADMV9611 AD-ADMV9611 Datasheet
100Kb / 2P
60 GHz Millimeterwave Short Data Link
ADMV9621 AD-ADMV9621 Datasheet
106Kb / 2P
60 GHz Millimeterwave Short Data Link
Rev. Sp0
ADMV9623 AD-ADMV9623 Datasheet
86Kb / 2P
60 GHz Millimeterwave Short Data Link
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com