Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5347BCCZN-RL Datasheet (PDF) - Analog Devices

ADRF5347BCCZN-RL Datasheet PDF - Analog Devices
Part # ADRF5347BCCZN-RL
Download  ADRF5347BCCZN-RL Download
File Size   1792.22 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz

ADRF5347BCCZN-RL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5347BCCZN-RL Datasheet PDF - Analog Devices

Part # ADRF5347BCCZN-RL
Download  ADRF5347BCCZN-RL Click to download

File Size   1792.22 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz

ADRF5347BCCZN-RL Datasheet (HTML) - Analog Devices


ADRF5347BCCZN-RL Product details

GENERAL DESCRIPTION
The ADRF5347 is a high linearity, reflective, single-pole, four-throw
(SP4T) switch manufactured in the silicon process.
The ADRF5347 operates from 1.8 GHz to 3.8 GHz with a typical
insertion loss lower than 0.42 dB and a typical input IP3 of 84 dBm.
The device has an RF input power handling capability of 39 dBm for
continuous wave signals and 39 dBm average and 49 dBm peak for
long-term evolution (LTE) signals.
The ADRF5347 draws a current of 2.5 mA on the positive supply
of +5.0 V and 0.4 mA on the negative supply of −3.4 V. The device
employs low voltage complementary metal-oxide semiconductor
(LVCMOS)-/low voltage transistor-to-transistor logic (LVTTL)- compatible
controls.
The ADRF5347 comes in a 4 mm × 4 mm, 20-terminal, RoHS-compliant,
land grid array (LGA) package and operates between −40°C
to +105°C.
Excellent return loss and IP3 enable ADRF5347 to be used in
back-to-back configuration for phase shifting architectures. See the
Back-to-Back Phase Shifter Reference Design section for more
information.

FEATURES
► Low insertion loss
► 0.35 dB to 2.8 GHz typical
► 0.42 dB to 3.8 GHz typical
► High input linearity, IP3: 84 dBm typical
► High power handling at TCASE = 105°C
► Long-term (>10 years) average
► Continuous wave power: 39 dBm
► LTE signal
► Average power: 39 dBm
► Peak power: 49 dBm
► Fast 0.1 dB settling time : 720 ns typical
► ESD ratings
► HBM: 1000 V, Class 1B
► CDM: 750 V, Class C4
► Positive control, LVCMOS-/LVTTL- compatible
► 4 mm x 4 mm, 20-terminal LGA package

APPLICATIONS
► 5G antenna tilting and beamforming
► Wireless infrastructure
► Military and high reliability applications
► Test equipment
► Pin diode replacement




Similar Part No. - ADRF5347BCCZN-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5345 AD-ADRF5345 Datasheet
1Mb / 11P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
12/2021-Revision 0
ADRF5345-EVALZ AD-ADRF5345-EVALZ Datasheet
1Mb / 11P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
12/2021-Revision 0
ADRF5345BCCZN AD-ADRF5345BCCZN Datasheet
1Mb / 11P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
12/2021-Revision 0
ADRF5345BCCZN-R7 AD-ADRF5345BCCZN-R7 Datasheet
1Mb / 11P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
12/2021-Revision 0
ADRF5345BCCZN-RL AD-ADRF5345BCCZN-RL Datasheet
1Mb / 11P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
12/2021-Revision 0
More results


Similar Description - ADRF5347BCCZN-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
logo
Skyworks Solutions Inc.
SKY13597-684LF SKYWORKS-SKY13597-684LF Datasheet
174Kb / 2P
0.7 to 3.8 GHz SP4T High-Power Switch
SKY13626-685LF SKYWORKS-SKY13626-685LF Datasheet
174Kb / 2P
0.4 to 3.8 GHz SP4T Switch
SKY13414-485LF SKYWORKS-SKY13414-485LF Datasheet
398Kb / 11P
0.1 to 3.8 GHz SP4T Antenna Switch
logo
Analog Devices
ADRF5345 AD-ADRF5345 Datasheet
1Mb / 11P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
12/2021-Revision 0
logo
Guerrilla RF, Inc.
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
GRF5518W GUERRILLA-GRF5518W Datasheet
5Mb / 25P
HIGH LINEARITY POWER AMPLIFIER 1.8 to 1.91 GHz
January 24, 2023
logo
Analog Devices
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
logo
Peregrine Semiconductor
PE42443 PSEMI-PE42443 Datasheet
103Kb / 2P
UltraCMOS® SP4T RF Switch, 1.8 GHz–5 GHz
05/2023
logo
Skyworks Solutions Inc.
SKYA21029 SKYWORKS-SKYA21029 Datasheet
400Kb / 11P
0.1 to 3.8 GHz SP4T Antenna Switch
July 10, 2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com