Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-007588 Datasheet (PDF) - Tyco Electronics

MASW-007588 Datasheet PDF - Tyco Electronics
Part # MASW-007588
Download  MASW-007588 Download
File Size   89.26 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs Broadband SPDT Switch DC - 6.0 GHz

MASW-007588 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-007588 Datasheet PDF - Tyco Electronics

Part # MASW-007588
Download  MASW-007588 Click to download

File Size   89.26 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs Broadband SPDT Switch DC - 6.0 GHz

MASW-007588 Datasheet (HTML) - Tyco Electronics


MASW-007588 Product details

Description

M/A-COM’s MASW-007588 is a broadband GaAs PHEMT MMIC SPDT switch in a low cost, lead-free 3 mm 12-lead PQFN package. The MASW-007588 is ideally suited for applications where very small size and low cost are required. The MASW-007588, with its small size and low height, is ideal for 802.11a and 802.11b/g PC card

and access point applications.



Features

• UNII, Hiperlan, and 802.11a+b/g Applications

• Broadband Performance: DC-6 GHz

• Low Insertion Loss: 0.9 dB at 6 GHz

• High Isolation: 28 dB Typical

• Fast Switching Speed: 0.5 µm GaAs PHEMT

• High Power: 36 dBm P1dB

• Fast Settling for Low Gate Lag Requirements

• Lead-Free 3 mm 12-lead PQFN Package

• 100% Matte Tin Plating over Copper

• Halogen-Free “Green” Mold Compound

• RoHS* Compliant and 260°C Reflow Compatible

 




Similar Part No. - MASW-007588

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch
MASW-007588-000SMB MA-COM-MASW-007588-000SMB Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW-007588-000SMB MA-COM-MASW-007588-000SMB Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007588-TR3000 MA-COM-MASW-007588-TR3000 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
More results


Similar Description - MASW-007588

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0070 MACOM-MASWSS0070 Datasheet
119Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MACOM-MASWSS0093 Datasheet
184Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0202 MACOM-MASWSS0202 Datasheet
218Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MA-COM-MASWSS0070 Datasheet
105Kb / 5P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MA-COM-MASWSS0093 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
GaAs SPDT Switch DC - 6.0 GHz
MASWSS0093 MA-COM-MASWSS0093 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com