Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA3350LL Datasheet (PDF) - Nanjing International Group Co

STA3350LL Datasheet PDF - Nanjing International Group Co
Part # STA3350LL
Download  STA3350LL Download
File Size   1270.21 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description TO-92L Plastic-Encapsulate Transistors

STA3350LL Datasheet (PDF)

Go To PDF Page Download Datasheet
STA3350LL Datasheet PDF - Nanjing International Group Co

Part # STA3350LL
Download  STA3350LL Click to download

File Size   1270.21 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description TO-92L Plastic-Encapsulate Transistors

STA3350LL Datasheet (HTML) - Nanjing International Group Co


STA3350LL Product details

Applications
• Power amplifier application
• High current switching application
Features
• Low saturation voltage:
VCE(sat)=-0.15V Typ. @ IC=-1A, IB=-50mA
• Large collector current capacity: IC=-3A




Similar Part No. - STA3350LL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STA3350L KODENSHI-STA3350L Datasheet
325Kb / 6P
PNP Silicon Transistor
STA3350L KODENSHI-STA3350L Datasheet
325Kb / 6P
PNP Silicon Transistor
More results


Similar Description - STA3350LL

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB649 JIANGSU-2SB649 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
2SC1383 JIANGSU-2SC1383 Datasheet
4Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2500 JIANGSU-2SC2500 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
3DG8051 JIANGSU-3DG8051 Datasheet
3Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1274 JIANGSU-KTA1274 Datasheet
8Mb / 5P
TO-92L Plastic-Encapsulate Transistors
KTC3207 JIANGSU-KTC3207 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTD863 JIANGSU-KTD863 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2383L DGNJDZ-2SC2383L Datasheet
1Mb / 5P
TO-92L Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com