Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC4350 Datasheet (PDF) - Nanjing International Group Co

STC4350 Datasheet PDF - Nanjing International Group Co
Part # STC4350
Download  STC4350 Download
File Size   1856.87 Kbytes
Page   6 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SOT-89-3L Plastic-Encapsulate Transistors

STC4350 Datasheet (PDF)

Go To PDF Page Download Datasheet
STC4350 Datasheet PDF - Nanjing International Group Co

Part # STC4350
Download  STC4350 Click to download

File Size   1856.87 Kbytes
Page   6 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SOT-89-3L Plastic-Encapsulate Transistors

STC4350 Datasheet (HTML) - Nanjing International Group Co


STC4350 Product details

Complementary pair with STA3350
Applications
• Power amplifier application
• High current switching application
Features
• Low saturation voltage: VCE(sat)=0.15V Typ.
@ IC=1A, IB=50mA
• Large collector current capacity: IC=3A
• Small and compact SMD type package
•
• “Green” device and RoHS compliant device
•
Available in full lead (Pb)-free device




Similar Part No. - STC4350

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC4350F AUK-STC4350F Datasheet
296Kb / 4P
NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC4350F KODENSHI-STC4350F Datasheet
383Kb / 6P
NPN Silicon Transistor
STC4350F KODENSHI-STC4350F Datasheet
391Kb / 6P
NPN Silicon Transistor
STC4350Q KODENSHI-STC4350Q Datasheet
324Kb / 6P
NPN Silicon Transistor
More results


Similar Description - STC4350

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC4115 JIANGSU-2SC4115 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com