Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA32E5 Datasheet (PDF) - ATMEL Corporation

ATXMEGA32E5 Datasheet PDF - ATMEL Corporation
Part # ATXMEGA32E5
Download  ATXMEGA32E5 Download
File Size   2608.72 Kbytes
Page   145 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8/16-bit Atmel AVR XMEGA Microcontrollers

ATXMEGA32E5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATXMEGA32E5 Datasheet PDF - ATMEL Corporation

Part # ATXMEGA32E5
Download  ATXMEGA32E5 Click to download

File Size   2608.72 Kbytes
Page   145 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8/16-bit Atmel AVR XMEGA Microcontrollers

ATXMEGA32E5 Datasheet (HTML) - ATMEL Corporation


ATXMEGA32E5 Product details

Features
 High-performance, low-power Atmel® AVR® XMEGA® 8/16-bit Microcontroller
 Nonvolatile program and data memories
 8K –32KBytes of in-system self-programmable flash
 2K – 4KBytes boot section
 512Bytes – 1KBytes EEPROM
 1K – 4KBytes internal SRAM
 Peripheral features
 Four-channel enhanced DMA controller with 8/16-bit address match
 Eight-channel event system
 Asynchronous and synchronous signal routing
 Quadrature encoder with rotary filter
 Three 16-bit timer/counters
 One timer/counter with 4 output compare or input capture channels
 Two timer/counter with 2 output compare or input capture channels
 High resolution extension enabling down to 4ns PWM resolution
 Waveform extension for control of motor, LED, lighting, H-bridge, high drives and more
 Fault extension for safe and deterministic handling and/or shut-down of external driver
 CRC-16 (CRC-CCITT) and CRC-32 (IEEE 802.3) generator
 XMEGA Custom Logic (XCL) module with timer, counter and logic functions
 Two 8-bit timer/counters with capture/compare and 16-bit cascade mode
 Connected to one USART to support custom data frame length
 Connected to I/O pins and event system to do programmable logic functions
 MUX, AND, NAND, OR, NOR, XOR, XNOR, NOT, D-Flip-Flop, D Latch, RS Latch
 Two USARTs with full-duplex and single wire half-duplex configuration
 Master SPI mode
 Support custom protocols with configurable data frame length up to 256-bit
 System wake-up from deep sleep modes when used with internal 8MHz oscillator
 One two-wire interface with dual address match (I2C and SMBus compatible)
 Bridge configuration for simultaneous master and slave operation
 Up to 1MHz bus speed support
 One serial peripheral interface (SPI)
 16-bit real time counter with separate oscillator and digital correction
 One sixteen-channel, 12-bit, 300ksps Analog to Digital Converter with:
 Offset and gain correction
 Averaging
 Over-sampling and decimation
 One two-channel, 12-bit, 1Msps Digital to Analog Converter
 Two Analog Comparators with window compare function and current sources
 External interrupts on all general purpose I/O pins
 Programmable watchdog timer with separate on-chip ultra low power oscillator
 QTouch® library support
 Capacitive touch buttons, sliders and wheels
 Special microcontroller features
 Power-on reset and programmable brown-out detection
 Internal and external clock options with PLL
 Programmable multilevel interrupt controller
 Five sleep modes
 Programming and debug interface
 PDI (Program and Debug Interface)
 I/O and Packages
 26 programmable I/O pins
 7x7mm 32-lead TQFP
 5x5mm 32-lead VQFN
 4x4mm 32-lead UQFN
 Operating Voltage
 1.6 – 3.6V
 Operating frequency
 0 – 12MHz from 1.6V
 0 – 32MHz from 2.7V




Similar Part No. - ATXMEGA32E5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATXMEGA32E5 MICROCHIP-ATXMEGA32E5 Datasheet
2Mb / 153P
XMEGA짰 E5 Data Sheet
2018
logo
ATMEL Corporation
ATXMEGA32E5 ATMEL-ATXMEGA32E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
More results


Similar Description - ATXMEGA32E5

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128D4 ATMEL-ATXMEGA128D4 Datasheet
3Mb / 100P
8/16-bit AVR XMEGA D4 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_10 Datasheet
3Mb / 110P
8/16-bit AVR XMEGA A3 Microcontroller
ATXMEGA256D3 ATMEL-ATXMEGA256D3 Datasheet
3Mb / 98P
8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU Datasheet
4Mb / 143P
8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA16E5 ATMEL-ATXMEGA16E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA32E5 ATMEL-ATXMEGA32E5_14 Datasheet
2Mb / 147P
8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU_14 Datasheet
5Mb / 143P
8/16-bit Atmel XMEGA A3BUMicrocontroller
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com