Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1C Datasheet (PDF) - Omron Electronics LLC

ES1C Datasheet PDF - Omron Electronics LLC
Part # ES1C
Download  ES1C Download
File Size   852.38 Kbytes
Page   8 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.

ES1C Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1C Datasheet PDF - Omron Electronics LLC

Part # ES1C
Download  ES1C Click to download

File Size   852.38 Kbytes
Page   8 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.

ES1C Datasheet (HTML) - Omron Electronics LLC


ES1C Product details

• Flexible placement with slim cylindrical shape and long focus with
a distance of 500 mm and area diameter of 80 mm.
• The SUS body and silicon lens resist ambient operating temperatures
of up to 70°C and resist dust and water to the equivalent of
IP67.
• Fast measurement with high-speed response of 100 ms/90%.
• Strong resistance to noise with output of 4 to 20 mA.




Similar Part No. - ES1C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1C PANJIT-ES1C Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
NXP Semiconductors
ES1C PHILIPS-ES1C Datasheet
59Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
ES1C PHILIPS-ES1C Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
ES1C SURGE-ES1C Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1C TRSYS-ES1C Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results


Similar Description - ES1C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ABS1414519 PANASONIC-ABS1414519 Datasheet
277Kb / 11P
HIGH ENVIRONMENTAL RESISTANCE
logo
Infineon Technologies A...
IPA040N06N INFINEON-IPA040N06N Datasheet
1Mb / 11P
Superior thermal resistance
Rev.2.1,2014-06-19
logo
Ohmite Mfg. Co.
RES-RW OHMITE-RES-RW Datasheet
374Kb / 2P
Wide Resistance Range
RES-TP OHMITE-RES-TP Datasheet
320Kb / 1P
Wide Resistance Range
RES-TUW-TUM OHMITE-RES-TUW-TUM Datasheet
383Kb / 2P
Wide resistance range
RES-TVW-TVM OHMITE-RES-TVW-TVM Datasheet
116Kb / 1P
Wide resistance range
RES-TWW-TWM OHMITE-RES-TWW-TWM Datasheet
461Kb / 2P
Wide resistance range
logo
TT Electronics.
RCP TTELEC-RCP Datasheet
358Kb / 3P
Low TCRs over a wide resistance range
logo
Fortune Semiconductor C...
FS9168-017 FORTUNE-FS9168-017 Datasheet
1Mb / 18P
For wide range thermal measurement application
logo
Omron Electronics LLC
EE-SPX303N OMRON-EE-SPX303N Datasheet
282Kb / 5P
A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com