Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPTLV74333PDBVR Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPTLV74333PDBVR Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPTLV74333PDBVR
Download  TPTLV74333PDBVR Download
File Size   2607.71 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 20uA 1q,300mA Low- Dropout Linear Regulator

TPTLV74333PDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPTLV74333PDBVR Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPTLV74333PDBVR
Download  TPTLV74333PDBVR Click to download

File Size   2607.71 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 20uA 1q,300mA Low- Dropout Linear Regulator

TPTLV74333PDBVR Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPTLV74333PDBVR Product details

Features
Input Voltage Range : 1.2V to 5.5V
20pA Ground Current (lg) at no Load
PSRR =75dB at 1kHz
1.5% Output Accuracy
Low (0.1pA) Shutdown Current
Dropout Voltage : 0.17V at 300mA when Vour > 3V
Support Fixed Output Voltage 0.8V, 1.0V, 1.05V, 1.1V,
1.2V, 1.25V, 1.3V, 1.5V, 1.8V, 1.85V, 2V, 2.5V, 2.8V,
2.85V, 3V, 3.1V, 3.3V, 3.45V
Current Limit Protection
Over Temperature Protection
Output Active Discharge Function
S0T23-5 Packages




Similar Part No. - TPTLV74333PDBVR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPTLV70018DDCR TECHPUBLIC-TPTLV70018DDCR Datasheet
851Kb / 10P
20uA 1Q,300mA Low- Dropout Linear Regulator
TPTLV70028DDCR TECHPUBLIC-TPTLV70028DDCR Datasheet
851Kb / 10P
20uA 1Q,300mA Low- Dropout Linear Regulator
TPTLV70030DDCR TECHPUBLIC-TPTLV70030DDCR Datasheet
851Kb / 10P
20uA 1Q,300mA Low- Dropout Linear Regulator
TPTLV70033DDCR TECHPUBLIC-TPTLV70033DDCR Datasheet
851Kb / 10P
20uA 1Q,300mA Low- Dropout Linear Regulator
TPTLV700XXDDCR TECHPUBLIC-TPTLV700XXDDCR Datasheet
851Kb / 10P
20uA 1Q,300mA Low- Dropout Linear Regulator
More results


Similar Description - TPTLV74333PDBVR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
300mA Low- Dropout Linear Regulator|
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com