Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPTLV75515PDBVR Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPTLV75515PDBVR Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPTLV75515PDBVR
Download  TPTLV75515PDBVR Download
File Size   32264.92 Kbytes
Page   9 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 500mA,5uA, Higt PSRR Voltage Reaulators

TPTLV75515PDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPTLV75515PDBVR Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPTLV75515PDBVR
Download  TPTLV75515PDBVR Click to download

File Size   32264.92 Kbytes
Page   9 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 500mA,5uA, Higt PSRR Voltage Reaulators

TPTLV75515PDBVR Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPTLV75515PDBVR Product details

Features
5pA Ground Current at no Load
+2% Output Accuracy
500mA Output Current
10nA Disable Current ( by option )
Wide Operating Input Voltage Range: 1.2V to 5.5V
Dropout Voltage: 0.32V at 600mA/ Vour 3.3V
Support Fixed Output Voltage 1.2V, 1.5V, 1.6V, 1.8V,
2.5V, 2.8V, 3.0V, 3.3V
Stable with Ceramic or Tantalum Capacitor
Current Limit Protection
Over Temperature Protection
SOT23-5 Packages




Similar Part No. - TPTLV75515PDBVR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPTLV75515PDBVR TECHPUBLIC-TPTLV75515PDBVR Datasheet
31Mb / 9P
500mA,5uA, Higt PSRR Voltage Reaulators
TPTLV75515PDBVR TECHPUBLIC-TPTLV75515PDBVR Datasheet
2Mb / 9P
500mA,5uA, Higt PSRR Voltage Reaulators
More results


Similar Description - TPTLV75515PDBVR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPRT9013-33GB TECHPUBLIC-TPRT9013-33GB Datasheet
2Mb / 5P
500mA Higt PSRR Voltage Reaulators
TPRT9193-33GB TECHPUBLIC-TPRT9193-33GB Datasheet
2Mb / 5P
300mA Higt PSRR Voltage Reaulators
TPRT9013 TECHPUBLIC-TPRT9013 Datasheet
2Mb / 5P
500mA Higt PSRR Voltage Reaulators|
TPSPX3819M5-L-3-3 TECHPUBLIC-TPSPX3819M5-L-3-3 Datasheet
4Mb / 8P
20V,500mA, 5uA, Higt PSRR Voltage Reaulator
TPSPX3819M5-L-5-0 TECHPUBLIC-TPSPX3819M5-L-5-0 Datasheet
4Mb / 8P
20V,500mA,5uA, Higt PSRR Voltage Reaulator
TPTLV75518PDBVR TECHPUBLIC-TPTLV75518PDBVR Datasheet
31Mb / 9P
500mA,5uA, Higt PSRR Voltage Reaulators
TPTLV75533PDBVR TECHPUBLIC-TPTLV75533PDBVR Datasheet
2Mb / 9P
500mA,5uA, Higt PSRR Voltage Reaulators
TPSPX3819M5-L-1-8 TECHPUBLIC-TPSPX3819M5-L-1-8 Datasheet
2Mb / 8P
20V,500mA, 5uA, Higt PSRR Voltage Reaulator
TPSPX3819M5-L-2-5 TECHPUBLIC-TPSPX3819M5-L-2-5 Datasheet
2Mb / 8P
20V,500mA, 5uA, Higt PSRR Voltage Reaulator
TPSPX3819M5-L-3-0 TECHPUBLIC-TPSPX3819M5-L-3-0 Datasheet
2Mb / 8P
20V,500mA, 5uA, Higt PSRR Voltage Reaulator|
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com