Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD3301P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD3301P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD3301P
Download  TPESD3301P Download
File Size   1212.06 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra-Low Capacitance 1-Line ESD Protection

TPESD3301P Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD3301P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD3301P
Download  TPESD3301P Click to download

File Size   1212.06 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Ultra-Low Capacitance 1-Line ESD Protection

TPESD3301P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD3301P Product details

Transient protection for data lines to
IEC 61000-4-2 (ESD) +20kV (air), +20kV (contact)
IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
Cable Discharge Event (CDE)
Protects one data or I/0 line
Low capacitance: 0.35pF
Low clamping voltage
Low operating voltage: 3.3V
Solid-state silicon-avalanche technology




Similar Part No. - TPESD3301P

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
TPESD3301P LEIDITECH-TPESD3301P Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
More results


Similar Description - TPESD3301P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0521P SEMTECH-RCLAMP0521P Datasheet
181Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP1521P SEMTECH-RCLAMP1521P Datasheet
175Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0531TQ SEMTECH-RCLAMP0531TQ Datasheet
152Kb / 9P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP1521PQ SEMTECH-RCLAMP1521PQ Datasheet
777Kb / 9P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP2431TQ SEMTECH-RCLAMP2431TQ Datasheet
126Kb / 7P
Ultra-Low Capacitance 1-Line ESD protection
RCLAMP2431T SEMTECH-RCLAMP2431T Datasheet
115Kb / 6P
Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
ESD5V0B03-0201 TECHPUBLIC-ESD5V0B03-0201 Datasheet
1Mb / 4P
Ultra-Low Capacitance 1-Line ESD Protection
ESD5V0B03-323 TECHPUBLIC-ESD5V0B03-323 Datasheet
1Mb / 4P
Ultra-Low Capacitance 1-Line ESD Protection
ESD5V0B03-1006 TECHPUBLIC-ESD5V0B03-1006 Datasheet
1Mb / 4P
Ultra-Low Capacitance 1-Line ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com