Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL1101ALN Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL1101ALN Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL1101ALN
Download  BL1101ALN Download
File Size   378.92 Kbytes
Page   12 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description BL1101

BL1101ALN Datasheet (PDF)

Go To PDF Page Download Datasheet
BL1101ALN Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL1101ALN
Download  BL1101ALN Click to download

File Size   378.92 Kbytes
Page   12 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description BL1101

BL1101ALN Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL1101ALN Product details

OUTLINE:
The BL1101N series uses silicon gates. Single-chip dialing integration made by CMOS technology Circuit, can send double tone multi-frequency or pulse Type of dialing signal with hands-free dialing No., first digit “0”, “9” dial lock and redial (maximum 32 bits) functions, etc., with Huabang The W91330 Series is compatible.

FEATURES:
• Working voltage is 2.0 to 5 . 5 V
• Dual audio/pulse can be selected by the switch Dial number
• With redial, flash, pause, key tone Out of function, and easy to operate
• Chip power-on reset
• Available 4 × 4 matrix keyboard
• Suspend, P → T (pulse tones) Store as a number in the memory Device
• Minimum audio output width: 100ms; Minimum audio frequency interval: 100ms
• Use 3.579545 MHz quartz crystal Or ceramic oscillator
• Can lock the first digit “0” or “9” dial Out
• Use double row in-line 18 or 20 foot plastic seal

APPLICATIONS:
    As the dialing circuit in the telephone, it is completed. Related functions.




Similar Part No. - BL1101ALN

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1102 BELLING-BL1102 Datasheet
441Kb / 9P
single chip dialer IC using Si-gate CMOS process
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com