| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX507
|
369Kb / 12P |
Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91 |
|
MAX5120
|
288Kb / 20P |
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99 |
|
MAX5122
|
285Kb / 20P |
5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99 |
|
MAX5130
|
291Kb / 20P |
3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99 |
|
MAX5132
|
280Kb / 20P |
5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99 |
|
MAX5141
|
410Kb / 12P |
3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01 |
|
MAX5232
|
973Kb / 18P |
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03 |
|
MAX5232
|
656Kb / 18P |
3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09 |
|
MAX5441
|
223Kb / 12P |
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07 |
|
MAX5441
|
249Kb / 12P |
3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09 |