Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF549 Datasheet (PDF) - Analog Devices

ADSP-BF549 Datasheet PDF - Analog Devices
Part # ADSP-BF549
Download  ADSP-BF549 Download
File Size   1057.84 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Embedded Processor

ADSP-BF549 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-BF549 Datasheet PDF - Analog Devices

Part # ADSP-BF549
Download  ADSP-BF549 Click to download

File Size   1057.84 Kbytes
Page   64 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Embedded Processor

ADSP-BF549 Datasheet (HTML) - Analog Devices


ADSP-BF549 Product details

GENERAL DESCRIPTION

The ADSP-BF54x Blackfin® processors are members of the Blackfin family of products, incorporating the Analog Devices/Intel Micro Signal Architecture (MSA). Blackfin processors combine a dual-MAC state-of-the-art signal processing engine, the advantages of a clean, orthogonal RISC-like microprocessor instruction set, and single-instruction, multiple-data (SIMD) multimedia capabilities into a single instruction-set architecture.



FEATURES

  Up to 600 MHz high performance Blackfin processor

     Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs

     RISC-like register and instruction model

  Wide range of operating voltages and flexible booting options

  Programmable on-chip voltage regulator

  400-ball CSP_BGA, RoHS compliant package



MEMORY

  Up to 324K bytes of on-chip memory comprised of

     instruction SRAM/cache; dedicated instruction SRAM; data

     SRAM/cache; dedicated data SRAM; scratchpad SRAM

  External sync memory controller supporting either DDR SDRAM or mobile DDR SDRAM

  External async memory controller supporting 8-/16-bit async memories and burst flash devices

  NAND flash controller

  4 memory-to-memory DMA pairs, 2 with ext. requests

  Memory management unit providing memory protection

  Code security with Lockbox secure technology and 128-bit AES/ARC4 data encryption

  One-time-programmable (OTP) memory



PERIPHERALS

  High speed USB On-the-Go (OTG) with integrated PHY

  SD/SDIO controller

  ATA/ATAPI-6 controller

  Up to 4 synchronous serial ports (SPORTs)

  Up to 3 serial peripheral interfaces (SPI-compatible)

  Up to 4 UARTs, two with automatic H/W flow control

  Up to 2 CAN (controller area network) 2.0B interfaces

  Up to 2 TWI (2-wire interface) controllers

  8- or 16-bit asynchronous host DMA interface

  Multiple enhanced parallel peripheral interfaces (EPPIs), supporting ITU-R BT.656 video formats and 18-/24-bit LCD connections

  Media transceiver (MXVR) for connection to a MOST network

  Pixel compositor for overlays, alpha blending, and color conversion

  Up to eleven 32-bit timers/counters with PWM support

  Real-time clock (RTC) and watchdog timer

  Up/down counter with support for rotary encoder

  Up to 152 general-purpose I/O (GPIOs)

  On-chip PLL capable of 0.5× to 64× frequency multiplication

  Debug/JTAG interface



 




Similar Part No. - ADSP-BF549

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF549 AD-ADSP-BF549 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
ADSP-BF549 AD-ADSP-BF549 Datasheet
3Mb / 100P
Embedded Processor
Rev. C
ADSP-BF549BBCZ-ENG AD-ADSP-BF549BBCZ-ENG Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
ADSP-BF549 AD-ADSP-BF549_15 Datasheet
3Mb / 102P
Blackfin Embedded Processor
Rev. E
More results


Similar Description - ADSP-BF549

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF535 AD-ADSP-BF535 Datasheet
1Mb / 44P
Blackfin Embedded Processor
9/04-Data Sheet Changed from REV. 0 to REV. A
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
Embedded Processor
REV. A
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
Embedded Processor
logo
Analog Devices
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
Embedded Processor
REV. B
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
Embedded Processor
Jun-2007
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
Embedded Processor
REV. C
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
Embedded Processor
Rev. C
ADSP-TS101S AD-ADSP-TS101S_09 Datasheet
685Kb / 48P
TigerSHARC Embedded Processor
REV. C
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
Blackfin Embedded Processor
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com