Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2813B Datasheet (PDF) - WORLDSEMI CO., LIMITED

WS2813B Datasheet PDF - WORLDSEMI CO., LIMITED
Part # WS2813B
Download  WS2813B Download
File Size   592.73 Kbytes
Page   8 Pages
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED
Description Intelligent control LED integrated light source

WS2813B Datasheet (PDF)

Go To PDF Page Download Datasheet
WS2813B Datasheet PDF - WORLDSEMI CO., LIMITED

Part # WS2813B
Download  WS2813B Click to download

File Size   592.73 Kbytes
Page   8 Pages
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED
Description Intelligent control LED integrated light source

WS2813B Datasheet (HTML) - WORLDSEMI CO., LIMITED


WS2813B Product details

Features and Benefits
 The control circuit and RGB chip are integrated in a 5050 components, to form an external control pixel.
 Intelligent Reverse-connection protection.
 Using the built-in signal reshaping circuit to achieve the signal waveform shaping, and no distortion of waveform of
signal takes place.
 The gray levels of each pixel are of 256 levels, which achieves “256*256*256=16777216” full-color display, and
the refresh frequency reaches to 2KHz.
 Serial cascade interface, data receiving and decoding depend on just one signal line.
 Dual-signal wires version,One additional signal line is added to realize double signal transmission signal
break-point continuous transmission. Any single pixel failure won’t affect the overall display effect.
 Any two point the distance more than 5M transmission signal without any increase circuit.
 When the refresh rate is 30fps, cascade numbers is at least 1024 pixels.
 Data transmitting at speeds of up to 800Kbps.
 Good color consistency reliability, high cost-effective.
 NO extra components needed, even the capacitor.

Applications
 Consumer Electronics.
 Landscape lighting fields.
 Computer peripheral products, games devices and machinery equipment etc.

General description
WS2813B-V5 is an intelligent control LED light source that the control circuit and RGB chip are integrated in a package
of 5050 components. Its internal include intelligent digital port data latch and signal reshaping amplification drive circuit.
Also include a precision internal oscillator and voltage programmable constant current control part,
which achieves highly consistent color effect.
Double channel Dual-signal wires version, signal break-point continuous transmission. Any pixel’s failure won't affect
signal transfer and overall emitting color effect.
The data transfer protocol use single NZR communication mode. After the pixel power-on reset, the DIN port receive
data from controller, the first pixel collect initial 24bit data then sent to the internal data latch, the other data which
reshaping by the internal signal reshaping amplification circuit sent to the next cascade pixel through the DO port. After
transmission for each pixel, the signal to reduce 24bit. Every pixel adopts auto-reshaping transmit technology, making
the pixel cascade numbers are not limited to the signal transmission, only relate to the speed of signal transmission.
Refresh Frequency updates to 2KHz, No flicker occurs even when captured by hd camera, which is very suitable for the
use of HD Video Camera.
RESET time>280μs, it won’t cause wrong reset while interruption, it supports the lower frequency and inexpensive
MCU.
Integrated circuit chips enable the circuit control simpler, neater and more reliable while NO extra components needed.




Similar Part No. - WS2813B

ManufacturerPart #DatasheetDescription
logo
WORLDSEMI CO., LIMITED
WS2813B-MINI WORLDSEMI-WS2813B-MINI Datasheet
518Kb / 7P
Intelligent control LED integrated light source
More results


Similar Description - WS2813B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS2812 ETC2-WS2812 Datasheet
277Kb / 5P
Intelligent control LED integrated light source
logo
WORLDSEMI CO., LIMITED
WS2812B-2020 WORLDSEMI-WS2812B-2020 Datasheet
674Kb / 9P
Intelligent control LED integrated light source
WS2812B-V4 WORLDSEMI-WS2812B-V4 Datasheet
655Kb / 8P
Intelligent control LED integrated light source
WS2812C WORLDSEMI-WS2812C Datasheet
656Kb / 8P
Intelligent control LED integrated light source
WS2812C-2020 WORLDSEMI-WS2812C-2020 Datasheet
673Kb / 9P
Intelligent control LED integrated light source
WS2813E WORLDSEMI-WS2813E Datasheet
596Kb / 8P
Intelligent control LED integrated light source
WS2815B WORLDSEMI-WS2815B Datasheet
738Kb / 8P
Intelligent control LED integrated light source
WS2812B WORLDSEMI-WS2812B Datasheet
352Kb / 5P
Intelligent control LED integrated light source
logo
List of Unclassifed Man...
WS2813C ETC-WS2813C Datasheet
687Kb / 9P
Intelligent control LED integrated light source
V1.4 20180719
logo
WORLDSEMI CO., LIMITED
WS2815 WORLDSEMI-WS2815 Datasheet
611Kb / 8P
Intelligent control LED integrated light source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com