Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT7522 Datasheet (PDF) - Weltrend Semiconductor

WT7522 Datasheet PDF - Weltrend Semiconductor
Part # WT7522
Download  WT7522 Download
File Size   140.94 Kbytes
Page   9 Pages
Manufacturer  WELTREND [Weltrend Semiconductor]
Direct Link  http://www.weltrend.com
Logo WELTREND - Weltrend Semiconductor
Description POWER SUPPLY PWM SUPERVISOR

WT7522 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT7522 Datasheet PDF - Weltrend Semiconductor

Part # WT7522
Download  WT7522 Click to download

File Size   140.94 Kbytes
Page   9 Pages
Manufacturer  WELTREND [Weltrend Semiconductor]
Direct Link  http://www.weltrend.com
Logo WELTREND - Weltrend Semiconductor
Description POWER SUPPLY PWM SUPERVISOR

WT7522 Datasheet (HTML) - Weltrend Semiconductor


WT7522 Product details

GENERAL DESCRIPTION
The WT7522 is a pulse–width modulation (PWM) control circuit with complete protection circuits for used in the
SMPS (Switched Mode Power Supply). It contains various functions, which are Over Voltage Protection, Under
Voltage Protection, Power Good Output (PG), Remote On/Off control, Opamp and etc. It can minimize external
components of switching power supply systems in personal computer.
Over Voltage Protection (OVP) monitors 3.3V, 5V, 12V and PT input voltage level. Under Voltage Protection
(UVP) monitors 3.3V, 5V, 12V and one negative voltage input voltage level. Power Good Output monitors the
voltage level of power supply.

FEATURES
• Complete PWM Control and Protection Circuitry
• Over Voltage Protection for 3.3V / 5V / V12 / PT
• 3.3V / 5V / 12V Under Voltage Warning for PG Low
• Under Voltage Protection for 3.3V / 5V / V12
• Two Opamp loop function
• 300ms PG Time Delay
• Power Good Output is Open Drain Output
• Push-pull PWM Output
• Remote ON/OFF function De–bounce Time
• Soft-Start function built-in
• 20–Pin Dual In–line Package




Similar Part No. - WT7522

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT7527 WELTREND-WT7527 Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7527-NN160-1D WELTREND-WT7527-NN160-1D Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7527-NN161-1D WELTREND-WT7527-NN161-1D Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7527-SN160-1D WELTREND-WT7527-SN160-1D Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7527-SN161-1D WELTREND-WT7527-SN161-1D Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
More results


Similar Description - WT7522

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6105 ETC-SG6105 Datasheet
519Kb / 13P
Power Supply Supervisor Regulator PWM
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A Datasheet
592Kb / 18P
Power Supply Supervisor Regulator PWM
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
Power Supply Supervisor PWM
logo
Suntac Electronic Corp.
STC6105 SUNTAC-STC6105 Datasheet
473Kb / 10P
Power Supply Supervisor Regulator PWM
logo
Fairchild Semiconductor
FAN6103 FAIRCHILD-FAN6103 Datasheet
656Kb / 13P
Power Supply Supervisor Plus PWM
SG6105A FAIRCHILD-SG6105A_09 Datasheet
909Kb / 17P
Power Supply Supervisor Regulator PWM
logo
Unisonic Technologies
3520 UTC-3520 Datasheet
206Kb / 7P
PC POWER SUPPLY PWM SUPERVISOR
UB6054A UTC-UB6054A Datasheet
200Kb / 7P
PC POWER SUPPLY PWM SUPERVISOR
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
PC Power Supply PWM with Supervisor
2007-10-15 V2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com