Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM7108 Datasheet (PDF) - UMC Corporation

UM7108 Datasheet PDF - UMC Corporation
Part # UM7108
Download  UM7108 Download
File Size   526.98 Kbytes
Page   20 Pages
Manufacturer  UMC [UMC Corporation]
Direct Link  http://www.umc.com
Logo UMC - UMC Corporation
Description One Chip 3 1/2-Digit Digital Multimeter

UM7108 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM7108 Datasheet PDF - UMC Corporation

Part # UM7108
Download  UM7108 Click to download

File Size   526.98 Kbytes
Page   20 Pages
Manufacturer  UMC [UMC Corporation]
Direct Link  http://www.umc.com
Logo UMC - UMC Corporation
Description One Chip 3 1/2-Digit Digital Multimeter

UM7108 Datasheet (HTML) - UMC Corporation


UM7108 Product details

Features
® Multi-function measurement system: ® Provides serial data output for other applications
« Analog to digital converter (UM7108F)
« Data hold and Peak hold, both with LCD B Guaranteed zero reading with zero input
annunciators ® True polarity indication for precision
+ Short circuit beeper with LCD annunciator null detection
« Low battery detector with LCD annunciator ® Convenient 9V battery operation
«» Frequency counter with two LCD annunciators ® Low power operation — 10mW
(UM7108F) ® Low noise A/D converter
® Frequency counter: Auto range from 2 KHz to 20 MHz « Lownoise — 15 uV
¥ Triplex LCD display « Differential inputs — 1 pA bias current
« Full 3 1/2-Digit Display - Differential reference for ratiometric ohms
+ Bannunciators -— Data-hold, Peak-hold, KHz, MHz, « On-chip voltage reference — 20 ppM/°C drift
Low-bat, Continuance + Low linearity error guaranteed less than 1 count
= 1 annunciator drive pin for unit display + High Impedance CMOS differential inputs —10%a
+ 3 decimal point drivers with 3 independent ® Applications: digital panel meters, digital
control pins multi meters, thermometers, capacitance meters,
» Polarity driver pH meters, photometers etc.
+ Displays “OL" for input overrange




Similar Part No. - UM7108

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7108 MICROSEMI-UM7108 Datasheet
179Kb / 4P
PIN DIODE
UM7108 MICROSEMI-UM7108 Datasheet
335Kb / 7P
HIGH POWER PIN DIODES
UM7108 MICROSEMI-UM7108 Datasheet
322Kb / 7P
RoHS Compliant Versions Available
UM7108 MICROSEMI-UM7108 Datasheet
322Kb / 7P
Average power dissipation to 10 W
logo
Microchip Technology
UM7108B MICROCHIP-UM7108B Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
More results


Similar Description - UM7108

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9207 NJRC-NJU9207 Datasheet
430Kb / 12P
3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI
NJU9207B NJRC-NJU9207B Datasheet
440Kb / 13P
3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI?
NJU9210 NJRC-NJU9210 Datasheet
833Kb / 22P
3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
NJU9210C NJRC-NJU9210C Datasheet
830Kb / 22P
3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI????
NJU9212 NJRC-NJU9212 Datasheet
391Kb / 12P
3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
NJU9214 NJRC-NJU9214 Datasheet
581Kb / 29P
4.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI
logo
Good Will Instrument Co...
GDM-8135 GWINSTEK-GDM-8135 Datasheet
571Kb / 1P
4 1/2 & 3 1/2 DIGITAL MULTIMETER
logo
TEKTRONIX, INC.
2100 TEKTRONIX-2100 Datasheet
344Kb / 4P
6쩍-Digit USB Digital Multimeter
logo
List of Unclassifed Man...
DT9205A ETC1-DT9205A Datasheet
401Kb / 4P
Digital Multimeter Digit height 33mm
logo
Good Will Instrument Co...
GDM-8034 GWINSTEK-GDM-8034 Datasheet
571Kb / 1P
3 1/2 DIGITAL MULTIMETER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com