Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP67 Datasheet (PDF) - List of Unclassifed Manufacturers

IP67 Datasheet PDF - List of Unclassifed Manufacturers
Part # IP67
Download  IP67 Download
File Size   7042.84 Kbytes
Page   16 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal

IP67 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP67 Datasheet PDF - List of Unclassifed Manufacturers

Part # IP67
Download  IP67 Click to download

File Size   7042.84 Kbytes
Page   16 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal

IP67 Datasheet (HTML) - List of Unclassifed Manufacturers


IP67 Product details

Product Information:
•Material : Aluminium Alloy
•Finish : Natural Aluminium
•With EPDM continuous seal to meet IP67 rating of waterproof and dust.
•M4 countersunk stainless screws are included to seize the cover and the body
•Wall mounting holes are designed in the base with the flange, use M5 screw to
assemble the base on the wall
•Mounting flange on the bottom of the body can be mounted on the wall easily




Similar Part No. - IP67

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IP67 ROSENBERGER-IP67 Datasheet
57Kb / 2P
7/16 STRAIGHT PLUG
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
logo
Bel Fuse Inc.
IP67 BEL-IP67 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
STEGO Elektrotechnik Gm...
IP67 STEGO-IP67 Datasheet
282Kb / 1P
PRESSURE COMPENSATION DEVICE (STAINLESS STEEL/ALUMINIUM)
24.02.2022
IP67 STEGO-IP67 Datasheet
1Mb / 1P
VENTILATION CABLE GLAND
15.09.2023
More results


Similar Description - IP67

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-200591 CONEC-17-200591 Datasheet
668Kb / 1P
Die-Cast IP67 USB Plug Kit
logo
List of Unclassifed Man...
CA-020 ETC1-CA-020 Datasheet
632Kb / 18P
Aluminium enclosures CA series
logo
3M Electronics
3341-7 3M-3341-7 Datasheet
1Mb / 5P
Provides EMI/ESD protection similar to aluminium die cast
logo
Marl International Limi...
611-301-21_1309 MARL-611-301-21_1309 Datasheet
450Kb / 5P
Black anodised aluminium housing, sealed to IP67
612-301-21_1309 MARL-612-301-21_1309 Datasheet
451Kb / 5P
Black anodised aluminium housing, sealed to IP67
logo
FIBOX Enclosing innovat...
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures:
19.01.2023
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures:
19.01.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com