Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS61004B Datasheet (PDF) - GaN Systems Inc.

GS61004B Datasheet PDF - GaN Systems Inc.
Part # GS61004B
Download  GS61004B Download
File Size   849.14 Kbytes
Page   14 Pages
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.
Description 100V enhancement mode GaN transistor

GS61004B Datasheet (PDF)

Go To PDF Page Download Datasheet
GS61004B Datasheet PDF - GaN Systems Inc.

Part # GS61004B
Download  GS61004B Click to download

File Size   849.14 Kbytes
Page   14 Pages
Manufacturer  GAN [GaN Systems Inc.]
Direct Link  https://gansystems.com/
Logo GAN - GaN Systems Inc.
Description 100V enhancement mode GaN transistor

GS61004B Datasheet (HTML) - GaN Systems Inc.


GS61004B Product details

Features
• 100V enhancement mode power switch
• Bottom-side cooled configuration
• RDS(on) = 15 mΩ
• IDS(max) = 45 A
• Ultra-low FOM Island Technology® die
• Low inductance GaNPX® package
• Easy gate drive requirements (0 V to 6 V)
• Transient tolerant gate drive (-20 V / +10 V)
• Very high switching frequency (f > 100 MHz)
• Fast and controllable fall and rise times
• Reverse current capability
• Zero reverse recovery loss
• Small 4.6 x 4.4 mm2 PCB footprint
• RoHS 6 compliant

Applications
• High efficiency power conversion
• High density power conversion
• Enterprise and Networking Power
• ZVS Phase Shifted Full Bridge
• Half Bridge topologies
• Synchronous Buck or Boost
• Uninterruptable Power Supplies
• Industrial Motor Drives
• Solar Power
• Fast Battery Charging
• Class D Audio amplifiers
• Smart Home




Similar Part No. - GS61004B

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS61008P GAN-GS61008P Datasheet
893Kb / 16P
Bottom-side cooled 100 V E-mode GaN transistor
Rev 200402
GS61008T GAN-GS61008T Datasheet
1Mb / 17P
Top-side cooled 100 V E-mode GaN transistor
Rev 200402
More results


Similar Description - GS61004B

ManufacturerPart #DatasheetDescription
logo
Efficient Power Convers...
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2103 EPC-CO-EPC2103 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2105 EPC-CO-EPC2105 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2106 EPC-CO-EPC2106 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
logo
Renesas Technology Corp
ISL70023SEH RENESAS-ISL70023SEH Datasheet
564Kb / 13P
100V, 60A Enhancement Mode GaN Power Transistor
May 4, 2022
ISL70024SEH RENESAS-ISL70024SEH Datasheet
512Kb / 13P
200V, 7.5A Enhancement Mode GaN Power Transistor
May 5, 2022
logo
Rohm
GNP1070TC-Z ROHM-GNP1070TC-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
GNP1150TCA-Z ROHM-GNP1150TCA-Z Datasheet
1Mb / 12P
GaN Enhancement Mode Power Transistor
2023.04.18 - Rev.005
GNE1008TB ROHM-GNE1008TB Datasheet
1Mb / 6P
GaN Enhancement Mode Power Transistor
26.Jun.2023 Rev.003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com