Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNM-3 Datasheet (PDF) - Eaton All Rights Reserved.

FNM-3 Datasheet PDF - Eaton All Rights Reserved.
Part # FNM-3
Download  FNM-3 Download
File Size   467.33 Kbytes
Page   3 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay supplemental fuses

FNM-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FNM-3 Datasheet PDF - Eaton All Rights Reserved.

Part # FNM-3
Download  FNM-3 Click to download

File Size   467.33 Kbytes
Page   3 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay supplemental fuses

FNM-3 Datasheet (HTML) - Eaton All Rights Reserved.


FNM-3 Product details

Description:
Time-delay supplemental fuse.
For superior protection, Eaton recommends
upgrading to Bussmann series Low-Peak™
Class CC fuses. See data sheet No. 1023.

Features
• Color coded green for 250Vac maximum
voltage rating
• Melamine tube construction
• Nickel-plated endcaps

Typical applications
• Circuits with high inrush currents
(motor/transformer loads)
• Supplemental protection for inductive
circuits up to 250Vac.




Similar Part No. - FNM-3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNM-3 COOPER-FNM-3 Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay
logo
Eaton All Rights Reserv...
FNM-3 EATON-FNM-3 Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNM-3-1/2 COOPER-FNM-3-1/2 Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay
logo
Eaton All Rights Reserv...
FNM-3-1/2 EATON-FNM-3-1/2 Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
More results


Similar Description - FNM-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNQ-2 COOPER-FNQ-2 Datasheet
373Kb / 2P
13/32 x 1-1/2 500Vac Time-delay supplemental fuses
FNM-25 COOPER-FNM-25 Datasheet
378Kb / 3P
13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNA-20 COOPER-FNA-20 Datasheet
510Kb / 2P
13/32 x 1-1/2 250Vac Pin indicating time-delay supplemental fuses
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNM-1 COOPER-FNM-1 Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay
FNA-1 COOPER-FNA-1_15 Datasheet
342Kb / 2P
FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
logo
Eaton All Rights Reserv...
FNA EATON-FNA Datasheet
342Kb / 2P
FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
FNM EATON-FNM Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
FNQ EATON-FNQ Datasheet
551Kb / 2P
FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com